công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD4697BCPZ bảng dữ liệu(PDF) 99 Page - Analog Devices

tên linh kiện AD4697BCPZ
Giải thích chi tiết về linh kiện  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ bảng dữ liệu(HTML) 99 Page - Analog Devices

Back Button AD4697BCPZ Datasheet HTML 95Page - Analog Devices AD4697BCPZ Datasheet HTML 96Page - Analog Devices AD4697BCPZ Datasheet HTML 97Page - Analog Devices AD4697BCPZ Datasheet HTML 98Page - Analog Devices AD4697BCPZ Datasheet HTML 99Page - Analog Devices AD4697BCPZ Datasheet HTML 100Page - Analog Devices AD4697BCPZ Datasheet HTML 101Page - Analog Devices AD4697BCPZ Datasheet HTML 102Page - Analog Devices AD4697BCPZ Datasheet HTML 103Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 107 page
background image
Data Sheet
AD4697/AD4698
REGISTER INFORMATION
analog.com
Rev. 0 | 99 of 107
Table 46. Bit Descriptions for REF_CTRL
Bits
Bit Name
Description
Reset
Access
0: reference buffer boost mode disabled.
1: reference buffer boost mode enabled.
[4:2]
VREF_SET
Reference Input Range Control. This field configures the device to optimize performance based on the reference
voltage in use. This field must be programmed to match the VREF applied to the REF pin (see the Voltage
Reference Input section).
0x4
R/W
0x0: 2.4 V ≤ VREF ≤ 2.75 V.
0x1: 2.75 V < VREF ≤ 3.25 V.
0x2: 3.25 V < VREF ≤ 3.75 V.
0x3: 3.75 V < VREF ≤ 4.50 V.
0x4: 4.5 V < VREF ≤ 5.10 V.
1
REFHIZ_EN
Reference Input High-Z Mode Enable Bit. This bit enables or disables reference input high-Z mode (see the
Reference Input High-Z Mode section).
0x1
R/W
0: disable reference input high-Z mode.
1: enable reference input high-Z mode.
0
REFBUF_EN
Reference Buffer Enable Bit. Enables or disables the reference buffer. Setting REFBUF_EN to 1 also forces the
reference buffer bypass switch to open (see the Internal Reference Buffer section). This bit is only active on the
WLCSP option. Setting this bit on the LFCSP option has no effect.
0x0
R/W
0: disables the internal reference buffer.
1: enables the internal reference buffer.
Sequencer Control Register
Address: 0x0022, Reset: 0x80, Name: SEQ_CTRL
Table 47. Bit Descriptions for SEQ_CTRL
Bits
Bit Name
Description
Reset
Access
7
STD_SEQ_EN
Standard Sequencer Enable Bit. This bit enables or disables the standard sequencer (see the Channel
Sequencing Modes section).
0x1
R/W
0: standard sequencer disabled.
1: standard sequencer enabled.
[6:0]
NUM_SLOTS_AS
Number of Advanced Sequencer Slots Field. This field determines the number of slots in a sequence when the
advanced sequencer is enabled. The number of slots is equal to NUM_SLOTS_AS + 1. This field must be set to
0x00 to enable two-cycle command mode or single-cycle command mode (see the Channel Sequencing Modes
section).
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com