công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD4697BCPZ bảng dữ liệu(PDF) 51 Page - Analog Devices

tên linh kiện AD4697BCPZ
Giải thích chi tiết về linh kiện  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ bảng dữ liệu(HTML) 51 Page - Analog Devices

Back Button AD4697BCPZ Datasheet HTML 47Page - Analog Devices AD4697BCPZ Datasheet HTML 48Page - Analog Devices AD4697BCPZ Datasheet HTML 49Page - Analog Devices AD4697BCPZ Datasheet HTML 50Page - Analog Devices AD4697BCPZ Datasheet HTML 51Page - Analog Devices AD4697BCPZ Datasheet HTML 52Page - Analog Devices AD4697BCPZ Datasheet HTML 53Page - Analog Devices AD4697BCPZ Datasheet HTML 54Page - Analog Devices AD4697BCPZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 107 page
background image
Data Sheet
AD4697/AD4698
DIGITAL INTERFACE
analog.com
Rev. 0 | 51 of 107
Register Read and Write Timing Diagrams
Figure 93 shows a timing diagram for the SPI when the AD4697/
AD4698 are in register configuration mode. See Table 2 for the
timing specifications pictured in Figure 93.
Register read and write transactions are framed by CS. While CS is
high, the SCK edges are ignored, and the SDO is high impedance.
A falling edge on CS begins an SPI frame and data on the SDI is
latched on the SCK rising edges while data is shifted out on the
SDO on the SCK falling edges. A rising edge on CS ends the SPI
frame and forces the SDO to high impedance.
The first phase of an SPI frame immediately following a CS falling
edge is the instruction phase. The instruction phase is followed by
the data phase. For SPI read transactions, the register contents
are shifted out on the SDO during the data phase. For SPI write
transactions, the register contents are latched in on the SDI during
the data phase. See the Streaming Mode and Single Instruction
Mode sections for a detailed description of the order of instruction
and data phases in each SPI frame.
The length of the address in the instruction phase (represented by
M in Figure 93) is set by the ADDR_LEN bit in the SPI_CONFIG_B
register (see the Instruction Phase section).
The length of the data phase (represented by N in Figure 93)
depends on whether the CRC is enabled and the length of the reg-
ister being accessed (see the Checksum Protection and Multibyte
Register Access sections).
The AD4697/AD4698 ignore the state of CNV when in register con-
figuration mode. The Entering Conversion Mode section describes
the process for placing the AD4697/AD4698 in conversion mode.
Entering Conversion Mode
To place the AD4697/AD4698 in conversion mode, set
the SPI_MODE bit in the setup register to 1. When the SPI_MODE
bit is set to 1, the SPI frame immediately terminates, and the device
enters conversion mode. No further register reads or writes can
occur until the device enters register configuration mode again.
The digital host must provide a delay specified by tSCKCNV after
the final SCK rising edge of the register write before initiating
conversions with a CNV rising edge (see Table 2 and Figure 93).
Figure 93. Register Configuration Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com