| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD4697 bảng dữ liệu(PDF) 78 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD4697 bảng dữ liệu(HTML) 78 Page - Analog Devices |
|
78 / 107 page ![]() Data Sheet AD4697/AD4698 APPLICATIONS INFORMATION analog.com Rev. 0 | 78 of 107 Figure 120. AD4698 SPI Connection Diagram (Quad-SDO Mode) Figure 120 shows a connection diagram for interfacing the AD4698 SPI to a digital host SPI peripheral when configured in quad-SDO mode (available on the WLCSP option only). Table 19 shows the general-purpose pin assignments on the LFCSP and WCLSP options for dual-SDO mode and quad-SDO mode. Route the pins assigned as SDO1, SDO2, and SDO3 the additional MISO inputs on the digital host (MISO1, MISO2, and MISO3, respectively). It is recommended to include pull-up resistors on all pins assigned as serial data outputs as shown in Table 19, especially when the busy indicator is enabled on SDO (see the Busy Indicator on Serial Data Outputs section). It is also recommended to include pull-up resistors on the CS, SCK, and SDI lines if the outputs on the host SPI peripheral are expected to be tristate or undefined during operation. The specific value of the pull-up resistors must be determined based on the edge rate requirements and trace capacitance for each line. SPI Peripheral Synchronization in Conversion Mode The AD4697/AD4698 have a 4-wire SPI in SPI Mode 3 for access- ing register contents and ADC results. The digital host must at minimum include a 4-wire SPI-compatible peripheral to operate the AD4697/AD4698 (see the SPI Peripheral Connections section). In conversion mode, the SPI transfers must begin after tCONVERT has elapsed and must complete within tSCKCNV before the next CNV rising edge (see Table 2 and in the timing diagrams in the Conversion Mode Timing Diagrams section). To ensure that the conversion mode timing requirements are met, the digital host SPI peripheral must either be synchronized to the clock source generating the CNV signal or to the busy indicator output from the AD4697/AD4698. The SCK frequency must also be sufficiently high to ensure that all conversion mode results are clocked out before the start of the next conversion frame (see the Conversion Mode SPI Clock Frequency Requirements section). Figure 121 shows a simplified connection diagram and software architecture for operating the AD4697/AD4698 with only a 4-wire SPI. The CNV input is driven by the CS output from the digital host SPI peripheral. The configuration in Figure 121 requires the CS signal to be periodic with deterministic rising edge timing to achieve the necessary jitter for the application. Synchronize the SPI frames to a timer peripheral, and the CS output must have a well defined duty cycle. Figure 101 shows a SPI timing diagram using the configuration in Figure 121. Figure 122 shows a simplified connection diagram and software architecture for using the digital host countdown timer peripheral to synchronize the host SPI peripheral to the CNV signal source. The countdown timer is configured to trigger on a CNV rising edge, wait for tCONVERT to elapse, and then trigger an interrupt service routine that calls the SPI peripheral to perform a transfer. The countdown timer is programmed with an integer value (count), which specifies the number of system clock (SYS_CLK) periods to wait before calling the SPI transfer interrupt routine. It is recommended to implement a delay corresponding to the maximum tCONVERT specifi- cation given in Table 2. In practice, most digital hosts exhibit some latency between the interrupt service routine triggers and execution, which increases the delay between the CNV rising edge and the start of the SPI transfer. Refer to the digital host specifications to determine the optimal count value for the given application. Figure 123 shows a simplified connection diagram and software architecture for utilizing the AD4697/AD4698 busy indicator to syn- chronize the host SPI peripheral to the ADC conversion timing. The busy indicator must be enabled on the BSY_ALT_GP0 or GP3 pin as described in the Busy Indicator on General-Purpose Pins section, and the digital host must have a digital input that can be configured as a trigger for interrupt service routines. Route the busy indicator to the interrupt input on the digital host and configure the interrupts to trigger on the busy indicator falling edge. Because the busy indicator falling edge is interpreted as the data ready signal, the digital host is not required to implement any further delays between the busy indicator falling edge and the start of the SPI frame. The configuration in Figure 123 is recommended when utilizing oversampling because the busy indicator does not go low until the oversampled result is ready, reducing the number of redundant SPI transfers that otherwise occur without additional logic (see Figure 78). Figure 124 shows a simplified connection diagram and software architecture for utilizing the AD4697/AD4698 threshold detection alert indicator to synchronize the host SPI peripheral to the ADC conversion timing. The alert indicator must be enabled on the BSY_ALT_GP0 or GP2 pin as described in the Alert Indicator on General-Purpose Pins section. The configuration in Figure 124 is ideal in autonomous conversion applications, where the SPI is idle while the ADC continuously converts until a user defined, out of bounds condition occurs. The alert indicator is updated at the end of the conversion phase of the ADC and can therefore be used as the trigger to start the SPI frame if the SPI frame can be completed before the start of the next conversion. Typically, the interrupt service routine called by the alert indicator rising edge calls the SPI to read back the conversion result and sends the register configuration mode command over the SDI to put the AD4697/AD4698 into register configuration mode. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |