công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FS32K142HEX0MLFT bảng dữ liệu(PDF) 56 Page - NXP Semiconductors

tên linh kiện FS32K142HEX0MLFT
Giải thích chi tiết về linh kiện  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K142HEX0MLFT bảng dữ liệu(HTML) 56 Page - NXP Semiconductors

Back Button FS32K142HEX0MLFT Datasheet HTML 52Page - NXP Semiconductors FS32K142HEX0MLFT Datasheet HTML 53Page - NXP Semiconductors FS32K142HEX0MLFT Datasheet HTML 54Page - NXP Semiconductors FS32K142HEX0MLFT Datasheet HTML 55Page - NXP Semiconductors FS32K142HEX0MLFT Datasheet HTML 56Page - NXP Semiconductors FS32K142HEX0MLFT Datasheet HTML 57Page - NXP Semiconductors FS32K142HEX0MLFT Datasheet HTML 58Page - NXP Semiconductors FS32K142HEX0MLFT Datasheet HTML 59Page - NXP Semiconductors FS32K142HEX0MLFT Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 101 page
background image
2.
Typical values assume VDDA = 5 V, Temp = 25 °C, fADCK = 40 MHz, RAS=20 Ω, and CAS=10 nF unless otherwise stated. Typical values are for reference only, and
are not tested in production.
3.
For packages without dedicated VREFH and VREFL pins, VREFH is internally tied to VDDA, and VREFL is internally tied to VSS. To get maximum performance, reference
supply quality should be better than SAR ADC. See application note AN5032 for details.
4.
Clock and compare cycle need to be set according to the guidelines mentioned in the Reference Manual .
5.
ADC conversion will become less reliable above maximum frequency.
6.
When using ADC hardware averaging, see the Reference Manual to determine the most appropriate setting for AVGS.
7.
Numbers based on the minimum sampling time of 275 ns.
8.
For guidelines and examples of conversion rate calculation, see the Reference Manual section 'Calibration function'
9.
Configuration used during the test to obtain this value is:
• VDD=VDDA=VREFH=2.5 V, 2.7 V, 3 V ,5.5 V, (externally forced)
• BUS CLK=48 MHz, ADC CLK=48MHz (FIRC Used), Calibration CLK=24MHz, Sample Time =14 Cyc, Averaging=32
• Resolution= 12 bit
• Conversion Mode: Continuous Conversion
• Channel: ADC0_SE1
• Temperatures: -40C, 25C, 135C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com