công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FS32K142HEX0MLFT bảng dữ liệu(PDF) 55 Page - NXP Semiconductors

tên linh kiện FS32K142HEX0MLFT
Giải thích chi tiết về linh kiện  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K142HEX0MLFT bảng dữ liệu(HTML) 55 Page - NXP Semiconductors

Back Button FS32K142HEX0MLFT Datasheet HTML 51Page - NXP Semiconductors FS32K142HEX0MLFT Datasheet HTML 52Page - NXP Semiconductors FS32K142HEX0MLFT Datasheet HTML 53Page - NXP Semiconductors FS32K142HEX0MLFT Datasheet HTML 54Page - NXP Semiconductors FS32K142HEX0MLFT Datasheet HTML 55Page - NXP Semiconductors FS32K142HEX0MLFT Datasheet HTML 56Page - NXP Semiconductors FS32K142HEX0MLFT Datasheet HTML 57Page - NXP Semiconductors FS32K142HEX0MLFT Datasheet HTML 58Page - NXP Semiconductors FS32K142HEX0MLFT Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 101 page
background image
Table 40. 12-bit ADC operating conditions1
Symbol
Description
Conditions
Min.
Typ.2
Max.
Unit
Notes
S32K1xx/
S32K14xW
S32K1xx/
S32K14xW
S32K1xx
S32K14xW
VREFH
ADC reference voltage high
See Voltage
and current
operating
requirements
for values
VDDA
See Voltage and current
operating requirements for
values
V
3
VREFL
ADC reference voltage low
See Voltage
and current
operating
requirements
for values
0
See Voltage and current
operating requirements for
values
mV
3
VADIN
Input voltage
VREFL
—
VREFH
V
RS
Source impedendance
fADCK < 4 MHz
—
—
5
kΩ
RSW1
Channel Selection Switch Impedance
—
0.650
0.780
kΩ
RAD
Sampling Switch Impedance
—
0.155
1.0
kΩ
CP1
Pin Capacitance
—
2.1
2.5
pF
CP2
Analog Bus Capacitance
—
3 (S32K144)
2 (S32K116)
4
pF
CS
Sampling capacitance
—
5.1 (gain =
0)... 7.2 (gain
= max)
6.36 (gain = 0)... 9.36 (gain
= max)
pF
fADCK
ADC conversion clock frequency
Normal usage
2
40
50
40
MHz
4, 5
fCONV
ADC conversion frequency
No ADC hardware averaging.6
Continuous conversions
enabled, subsequent conversion
time
46.4
928
1160
Ksps
7, 8
ADC hardware averaging set to
32. 6 Continuous conversions
enabled, subsequent conversion
time
1.45
29
36.25
Ksps
7, 8
ADC power consumption
—
1.0
1.19
pF
1.
All the data mention in this table is only validated in a simulation and granted by NXP design team.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com