công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM2432BSDFHIALVR bảng dữ liệu(PDF) 88 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AM2432BSDFHIALVR
Giải thích chi tiết về linh kiện  AM243x Sitara??Microcontrollers
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AM2432BSDFHIALVR bảng dữ liệu(HTML) 88 Page - Texas Instruments

Back Button AM2432BSDFHIALVR Datasheet HTML 84Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 85Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 86Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 87Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 88Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 89Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 90Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 91Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 242 page
background image
Table 6-65. PRU_ICSSG1 Signal Descriptions (continued)
Signal Name [1]
Signal Type [2]
Description [3]
ALV PIN [4]
ALX PIN [4]
PRG1_PWM2_B2
IO
PRU_ICSSG1 PWM Output B
R16, W12
V20, Y12
PRG1_PWM3_A0
IO
PRU_ICSSG1 PWM Output A
Y7
V4
PRG1_PWM3_A1
IO
PRU_ICSSG1 PWM Output A
AA7
Y2
PRG1_PWM3_A2
IO
PRU_ICSSG1 PWM Output A
V8
Y5
PRG1_PWM3_B0
IO
PRU_ICSSG1 PWM Output B
U8
W5
PRG1_PWM3_B1
IO
PRU_ICSSG1 PWM Output B
U13
V13
PRG1_PWM3_B2
IO
PRU_ICSSG1 PWM Output B
V13
U14
PRG1_RGMII1_RXC
I
PRU_ICSSG1 RGMII Receive Clock
AA7
Y2
PRG1_RGMII1_RX_CTL
I
PRU_ICSSG1 RGMII Receive Control
Y8
AA5
PRG1_RGMII1_TXC
IO
PRU_ICSSG1 RGMII Transmit Clock
V9
W6
PRG1_RGMII1_TX_CTL
O
PRU_ICSSG1 RGMII Transmit Control
Y9
Y7
PRG1_RGMII2_RXC
I
PRU_ICSSG1 RGMII Receive Clock
U11
V10
PRG1_RGMII2_RX_CTL
I
PRU_ICSSG1 RGMII Receive Control
W12
Y12
PRG1_RGMII2_TXC
IO
PRU_ICSSG1 RGMII Transmit Clock
Y10
Y8
PRG1_RGMII2_TX_CTL
O
PRU_ICSSG1 RGMII Transmit Control
Y11
V9
PRG1_RGMII1_RD0
I
PRU_ICSSG1 RGMII Receive Data
Y7
V4
PRG1_RGMII1_RD1
I
PRU_ICSSG1 RGMII Receive Data
U8
W5
PRG1_RGMII1_RD2
I
PRU_ICSSG1 RGMII Receive Data
W8
AA4
PRG1_RGMII1_RD3
I
PRU_ICSSG1 RGMII Receive Data
V8
Y5
PRG1_RGMII1_TD0
O
PRU_ICSSG1 RGMII Transmit Data
AA8
V5
PRG1_RGMII1_TD1
O
PRU_ICSSG1 RGMII Transmit Data
U9
W2
PRG1_RGMII1_TD2
O
PRU_ICSSG1 RGMII Transmit Data
W9
V6
PRG1_RGMII1_TD3
O
PRU_ICSSG1 RGMII Transmit Data
AA9
AA7
PRG1_RGMII2_RD0
I
PRU_ICSSG1 RGMII Receive Data
W11
AA10
PRG1_RGMII2_RD1
I
PRU_ICSSG1 RGMII Receive Data
V11
Y10
PRG1_RGMII2_RD2
I
PRU_ICSSG1 RGMII Receive Data
AA12
Y11
PRG1_RGMII2_RD3
I
PRU_ICSSG1 RGMII Receive Data
Y12
V12
PRG1_RGMII2_TD0
O
PRU_ICSSG1 RGMII Transmit Data
AA10
Y6
PRG1_RGMII2_TD1
O
PRU_ICSSG1 RGMII Transmit Data
V10
AA8
PRG1_RGMII2_TD2
O
PRU_ICSSG1 RGMII Transmit Data
U10
Y9
PRG1_RGMII2_TD3
O
PRU_ICSSG1 RGMII Transmit Data
AA11
W9
PRG1_UART0_CTSn
I
PRU_ICSSG1 UART Clear to Send (active low)
U15
W16
PRG1_UART0_RTSn
O
PRU_ICSSG1 UART Request to Send (active low)
U14
W13
PRG1_UART0_RXD
I
PRU_ICSSG1 UART Receive Data
V14
Y16
PRG1_UART0_TXD
O
PRU_ICSSG1 UART Transmit Data
W14
U13
(1)
The PRG1_IEP0_EDIO_OUTVALID signal is not supported by the AM243x_ALX device package. See AM243x_ALX Package -
Unsupported Interfaces and Signals for additional details.
6.3.21 Reserved
Table 6-66. Reserved Signal Descriptions
Signal Name [1]
Signal Type [2]
Description [3]
ALV PIN [4]
ALX PIN [4]
RSVD0 (1)
RSVD
Reserved (RSVD0)
H16
H11
RSVD1 (1)
RSVD
Reserved (RSVD1)
D21
J13
RSVD2 (1)
RSVD
Reserved (RSVD2)
G13
RSVD3 (1)
RSVD
Reserved (RSVD3)
F17
RSVD4 (1)
RSVD
Reserved (RSVD4)
W15
RSVD5 (1)
RSVD
Reserved (RSVD5)
V16
RSVD6 (1)
RSVD
Reserved (RSVD6)
K2
RSVD7 (1)
RSVD
Reserved (RSVD7)
K1
AM2434, AM2432, AM2431
SPRSP65C – APRIL 2021 – REVISED MARCH 2022
www.ti.com
88
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com