công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX20047AFPA/V+ bảng dữ liệu(PDF) 23 Page - Maxim Integrated Products

tên linh kiện MAX20047AFPA/V+
Giải thích chi tiết về linh kiện  Dual 3A USB DCP Charger
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20047AFPA/V+ bảng dữ liệu(HTML) 23 Page - Maxim Integrated Products

Back Button MAX20047AFPA/V+ Datasheet HTML 19Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 20Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 21Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 22Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 23Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 24Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 25Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 26Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 27Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
Inductor Selection
Three key inductor parameters must be specified for
operation with the device: inductance value (L), inductor
saturation current (ISAT), and DC resistance (RDCR). The
device is designed to operate with the ratio of inductor
peak-to-peak AC current to DC average current (LIR)
between 15% and 30% (typ). The switching frequency,
input voltage, and output voltage then determine the
inductor value as follows:
SUPSW
OUT_
OUT
MIN1
SUPSW
SW
MAX
(V
V
) V
L
V
f
I
33%
−×
=
×
×
×
where VSUPSW and VOUT are typical values (so that
efficiency is optimum for typical conditions). The switching
frequency is set by RFOSC.
RCS = 300mΩ
IMAX = 6A
fSW = The operating frequency is set by RFOSC.
The next equation ensures that the inductor current
downslope is less than the internal slope compensation.
For this to be the case, the following equation needs to
be satisfied:
m2
m
2
−≥
where m2 = The inductor current downslope:
OUT
CS
V
R
L
×
-m = Slope compensation:
V
1.333
µs
Solving for L and adding a 1.5 multiplier to account for
tolerances in the system:
CS
MIN2
OUT
R
L
= V
1.5
2m
×
×
×
To satisfy both LMIN1 and LMIN2, LMIN must be set to the
larger of the two:
LMIN = Max (LMIN1,LMIN2)
The maximum nominal inductor value recommended is
1.6 times the chosen value from the above formula.
LMAX = 1.6 x LMIN
Select a nominal inductor value based on the following
formula:
LMIN < LNOM < LMAX
The best choice of inductor is usually the first standard
inductor value greater than LMIN.
Input Capacitor
The input filter capacitor reduces peak currents drawn
from the power source and reduces noise and voltage
ripple on the input caused by the circuit’s switching.
Place a 4.7µF (or larger) ceramic capacitor directly from
SUPSW to PGND positioned as close as possible to the
pins. A bulk capacitor with higher ESR (such as an electro-
lytic capacitor) is normally required as well to lower the Q of
the front-end circuit and provide the remaining capacitance
needed to minimize input-voltage ripple.
The input capacitor RMS current requirement (IRMS) is
defined by the following equation:
×−
=
×
OUT
SUPSW
OUT
RMS
LOAD(MAX)
SUPSW
V
(V
V
)
II
V
IRMS has a maximum value when the input voltage
equals twice the output voltage:
VSUPSW = 2 x VOUT
Therefore:
= LOAD(MAX)
RMS
SUPSW
I
I
V
Choose an input capacitor that exhibits less than +10°C
self-heating temperature rise at the RMS input current for
optimal long-term reliability.
The input-voltage ripple is comprised of ΔVQ (caused
by the capacitor discharge) and ΔVESR (caused by the
ESR of the capacitor). Use low-ESR ceramic capacitors
with high ripple-current capability at the input. Assume
the contribution from the ESR and capacitor discharge
equal to 50%. Calculate the input capacitance and ESR
required for a specified input voltage ripple using the
following equations:
ESR
IN
L
OUT
V
ESR =
I
I+
2
∆
∆
where:
(
)
SUPSW
OUT
OUT
L
SUPSW
SW
V
VV
I =
V
fL
−
×
∆
×
×
MAX20047
Dual 3A USB DCP Charger
www.maximintegrated.com
Maxim Integrated │ 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com