công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX20047AFPA/V+ bảng dữ liệu(PDF) 17 Page - Maxim Integrated Products

tên linh kiện MAX20047AFPA/V+
Giải thích chi tiết về linh kiện  Dual 3A USB DCP Charger
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20047AFPA/V+ bảng dữ liệu(HTML) 17 Page - Maxim Integrated Products

Back Button MAX20047AFPA/V+ Datasheet HTML 13Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 14Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 15Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 16Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 17Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 18Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 19Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 20Page - Maxim Integrated Products MAX20047AFPA/V+ Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
VBUS Short-to-Battery Protection
The OV_USB threshold for both VBUS channels is continu-
ally monitored, and if the voltage on either VBUS channel
exceeds 5.8V, the G_DMOS pin is immediately driven low,
disabling the external DMOS MOSFETs. To ensure that
the external MOSFETs are instantaneously turned off, an
internal 5Ω discharge FET is also enabled, bleeding off any
remaining gate charge. After 2s, the G_DMOS pin is driven
high, enabling the external MOSFETs, with the OV_USB
threshold again tested. If the OV_USB threshold is no
longer tripped, power to both VBUS channels is restored;
otherwise, the IC retries every 2s while the fault persists.
Figure 2 illustrates the process.
Figure 2. HVBUS2 Short-to-Battery
OVER-VOLTAGE
APPLIED
OVER-VOLTAGE
REMOVED
OVER-VOLTAGE
REMOVED
FAULT RECOVERY
COMPLETE
5.2V
VHVBUS1
0V
14.0V
5.8V
5.2V
VHVBUS2
0V
VG_DMOS
0V
VSRC_DMOS1
0V
VSRC_DMOS2
0V
2 seconds
2 seconds
5.7V
0V
2 seconds
5.2V
MAX20047
Dual 3A USB DCP Charger
www.maximintegrated.com
Maxim Integrated │ 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com