công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC572L60F2 bảng dữ liệu(PDF) 81 Page - STMicroelectronics

tên linh kiện SPC572L60F2
Giải thích chi tiết về linh kiện  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L60F2 bảng dữ liệu(HTML) 81 Page - STMicroelectronics

Back Button SPC572L60F2 Datasheet HTML 77Page - STMicroelectronics SPC572L60F2 Datasheet HTML 78Page - STMicroelectronics SPC572L60F2 Datasheet HTML 79Page - STMicroelectronics SPC572L60F2 Datasheet HTML 80Page - STMicroelectronics SPC572L60F2 Datasheet HTML 81Page - STMicroelectronics SPC572L60F2 Datasheet HTML 82Page - STMicroelectronics SPC572L60F2 Datasheet HTML 83Page - STMicroelectronics SPC572L60F2 Datasheet HTML 84Page - STMicroelectronics SPC572L60F2 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 112 page
background image
DocID027866 Rev 5
81/112
SPC572Lx
Electrical characteristics
111
9tSUO
CC
D SOUT data valid
time from SCK
CPHA = 0(10)
SOUT and SCK drive strength
Very strong
25 pF
—
7.0 + tSYS(5) ns
Strong
50 pF
—
9.0 + tSYS(5)
Medium
50 pF
—
25.0 + tSYS(
5)
SOUT data valid
time from SCK
CPHA = 1(10)
SOUT and SCK drive strength
Very strong
25 pF
—
7.0
ns
Strong
50 pF
—
9.0
Medium
50 pF
—
25.0
SOUT data hold time (after SCK edge)
10
tHO
CC
D SOUT data hold
time after SCK
CPHA = 0(11)
SOUT and SCK drive strength
Very strong
25 pF
–7.7 + tSYS(5)
—ns
Strong
50 pF
–11.0 + tSYS(5)
—
Medium
50 pF
–15.0 + tSYS(5)
—
SOUT data hold
time after SCK
CPHA = 1(11)
SOUT and SCK drive strength
Very strong
25 pF
–7.7
—
ns
Strong
50 pF
–11.0
—
Medium
50 pF
–15.0
—
1. All output timing is worst case and includes the mismatching of rise and fall times of the output pads.
2. All timing values for output signals in this table are measured to 50% of the output voltage.
3. Timing is guaranteed to same drive capabilities for all signals, mixing of pad drives may reduce operating speeds and may
cause incorrect operation.
4. N is the number of clock cycles added to time between PCS assertion and SCK assertion and is software programmable
using DSPI_CTARx[PSSCK] and DSPI_CTARx[CSSCK]. The minimum value is 2 cycles unless TSB mode or Continuous
SCK clock mode is selected, in which case, N is automatically set to 0 clock cycles (PCS and SCK are driven by the same
edge of DSPI_CLKn).
5. tSYS is the period of DSPI_CLKn clock, the input clock to the DSPI module. Maximum frequency is 80 MHz (min
tSYS =10 ns).
6. M is the number of clock cycles added to time between SCK negation and PCS negation and is software programmable
using DSPI_CTARx[PASC] and DSPI_CTARx[ASC]. The minimum value is 2 cycles unless TSB mode or Continuous SCK
clock mode is selected, in which case, M is automatically set to 0 clock cycles (PCS and SCK are driven by the same edge
of DSPI_CLKn).
7. tSDC is only valid for even divide ratios. For odd divide ratios the fundamental duty cycle is not 50:50. For these odd divide
ratios cases, the absolute spec number is applied as jitter/uncertainty to the nominal high time and low time.
8. PCSx and PCSS using same pad configuration.
9. Input timing assumes an input slew rate of 1 ns (10% – 90%) and uses TTL / Automotive voltage thresholds.
10. P is the number of clock cycles added to delay the DSPI input sample point and is software programmable using
DSPI_MCR[SMPL_PT]. The value must be 0, 1 or 2. If the baud rate divide ratio is /2 or /3, this value is automatically set to
1.
11. SOUT Data Valid and Data hold are independent of load capacitance if SCK and SOUT load capacitances are the same
value.
Table 42. DSPI CMOS master modified timing (full duplex and output only) – MTFE = 1, CPHA = 0
or 1(1) (continued)
#
Symbol
C
Characteristic
Condition
Value(2)
Unit
Pad drive(3)
Load (CL)Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com