công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC572L60F2 bảng dữ liệu(PDF) 77 Page - STMicroelectronics

tên linh kiện SPC572L60F2
Giải thích chi tiết về linh kiện  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L60F2 bảng dữ liệu(HTML) 77 Page - STMicroelectronics

Back Button SPC572L60F2 Datasheet HTML 73Page - STMicroelectronics SPC572L60F2 Datasheet HTML 74Page - STMicroelectronics SPC572L60F2 Datasheet HTML 75Page - STMicroelectronics SPC572L60F2 Datasheet HTML 76Page - STMicroelectronics SPC572L60F2 Datasheet HTML 77Page - STMicroelectronics SPC572L60F2 Datasheet HTML 78Page - STMicroelectronics SPC572L60F2 Datasheet HTML 79Page - STMicroelectronics SPC572L60F2 Datasheet HTML 80Page - STMicroelectronics SPC572L60F2 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 112 page
background image
DocID027866 Rev 5
77/112
SPC572Lx
Electrical characteristics
111
SIN setup time
7tSUI
CC D SIN setup time to
SCK(9)
SCK drive strength
Very strong
25 pF
25.0
—
ns
Strong
50 pF
31.0
—
Medium
50 pF
52.0
—
SIN hold time
8tHI
CC D SIN hold time from
SCK(9)
SCK drive strength
Very strong
0 pF
–1.0
—
ns
Strong
0pF
–1.0
—
Medium
0pF
–1.0
—
SOUT data valid time (after SCK edge)
9tSUO
CC D SOUT data valid
time from SCK(10)
SOUT and SCK drive strength
Very strong
25 pF
—
7.0
ns
Strong
50 pF
—
9.0
Medium
50 pF
—
25.0
SOUT data hold time (after SCK edge)
10
tHO
CC D SOUT data hold
time after SCK(10)
SOUT and SCK drive strength
Very strong
25 pF
–7.7
—
ns
Strong
50 pF
–11.0
—
Medium
50 pF
–15.0
—
1. All output timing is worst case and includes the mismatching of rise and fall times of the output pads.
2. All timing values for output signals in this table are measured to 50% of the output voltage.
3. Timing is guaranteed to same drive capabilities for all signals, mixing of pad drives may reduce operating speeds and may
cause incorrect operation.
4. N is the number of clock cycles added to time between PCS assertion and SCK assertion and is software programmable
using DSPI_CTARx[PSSCK] and DSPI_CTARx[CSSCK]. The minimum value is 2 cycles unless TSB mode or Continuous
SCK clock mode is selected, in which case, N is automatically set to 0 clock cycles (PCS and SCK are driven by the same
edge of DSPI_CLKn).
5. tSYS is the period of DSPI_CLKn clock, the input clock to the DSPI module. Maximum frequency is 80 MHz (min
tSYS =10 ns).
6. M is the number of clock cycles added to time between SCK negation and PCS negation and is software programmable
using DSPI_CTARx[PASC] and DSPI_CTARx[ASC]. The minimum value is 2 cycles unless TSB mode or Continuous SCK
clock mode is selected, in which case, M is automatically set to 0 clock cycles (PCS and SCK are driven by the same edge
of DSPI_CLKn).
7. tSDC is only valid for even divide ratios. For odd divide ratios the fundamental duty cycle is not 50:50. For these odd divide
ratios cases, the absolute spec number is applied as jitter/uncertainty to the nominal high time and low time.
8. PCSx and PCSS using same pad configuration.
9. Input timing assumes an input slew rate of 1 ns (10% – 90%) and uses TTL / Automotive voltage thresholds.
10. SOUT Data Valid and Data hold are independent of load capacitance if SCK and SOUT load capacitances are the same
value.
Table 41. DSPI CMOS master classic timing (full duplex and output only) – MTFE = 0, CPHA = 0 or
1(1) (continued)
#
Symbol
C
Characteristic
Condition
Value(2)
Unit
Pad drive(3)
Load (CL)Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com