| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8AF6213 bảng dữ liệu(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF6213 bảng dữ liệu(HTML) 51 Page - STMicroelectronics |
|
51 / 112 page ![]() DS9884 Rev 9 51/112 STM8AF6213/13A/23/23A/26 Option bytes 108 1 1 PD2 TIM5_CH3 PC5 TIM5_CH1 PC6 TIM1_CH1 PC7 TIM1_CH2 PC2 Not available PC1 Not available PE5 Not available PA3 SPI_NSS PF4 Not available 1. Refer to the pin descriptions. Table 21. STM8AF6223A alternate function remapping bits [1:0] for 20-pin packages AFR1 option bit value AFR0 option bit value I/O port Alternate function mapping 00 AFR1 and AFR0 remapping options inactive: Default alternate functions(1) 01 PC5 TIM5_CH1 PC6 TIM1_CH1 PC7 TIM1_CH2 1 0 PA3 Not available PD2 TIM5_CH3 1(2) 1(2) PD2 TIM5_CH3 PC5 TIM5_CH1 PC6 TIM1_CH1 PC7 TIM1_CH2 PC2 Not available PC1 Not available PE5 Not available PA3 Not available PF4 Not available 1. Refer to the pin descriptions. 2. If both AFR1 and AFR0 option bits are set, the SPI hardware NSS management feature is no more available. If this remapping option is selected and the SPI is enabled, the SSM bit must be configured in the SPI_CR2 register to select software NSS management. Table 20. STM8AF6213/STM8AF6223 alternate function remapping bits [1:0] for 20-pin packages (continued) AFR1 option bit value AFR0 option bit value I/O port Alternate function mapping |