| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L072X8 bảng dữ liệu(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L072X8 bảng dữ liệu(HTML) 52 Page - STMicroelectronics |
|
52 / 160 page ![]() Pin descriptions STM32L072xx 52/160 DS10689 Rev 5 29 28 42 42 58 D3 B4 92 B5 PB6 I/O FTf - USART1_TX, I2C1_SCL, LPTIM1_ETR, TSC_G5_IO3 COMP2_INP 30 29 43 43 59 C3 C3 93 B4 PB7 I/O FTf - USART1_RX, I2C1_SDA, LPTIM1_IN2, TSC_G5_IO4, USART4_CTS COMP2_INP, VREF_PVD_IN 31 30 44 44 60 B4 A5 94 A4 BOOT0 I - - - - - 45 45 61 B3 B5 95 A3 PB8 I/O FTf - TSC_SYNC, I2C1_SCL - - - 46 46 62 A3 A6 96 B3 PB9 I/O FTf - EVENTOUT, I2C1_SDA, SPI2_NSS/I2S2_WS - - - - - - - - 97 C3 PE0 I/O FT - EVENTOUT - - - - - - - - 98 A2 PE1 I/O FT - EVENTOUT - 32 31 47 47 63 D4 - 99 D3 VSS S - - - - - 32 4848 64 E4A7 10 0 C4 VDD S - - - - 1. UFQFPN32 pinout differs from other STM32 devices except STM32L07xxx and STM32L8xxx. 2. PA4 offers a reduced touch sensing sensitivity. It is thus recommended to use it as sampling capacitor I/O. 3. These pins are powered by VDD_USB. For all characteristics that refer to VDD, VDD_USB must be used instead. Table 16. STM32L072xxx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |