công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TXC102 bảng dữ liệu(PDF) 1 Page - RF Monolithics, Inc

tên linh kiện TXC102
Giải thích chi tiết về linh kiện  Multi-channel High tae rate Programmable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RFM [RF Monolithics, Inc]
Trang chủ  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

TXC102 bảng dữ liệu(HTML) 1 Page - RF Monolithics, Inc

  TXC102 Datasheet HTML 1Page - RF Monolithics, Inc TXC102 Datasheet HTML 2Page - RF Monolithics, Inc TXC102 Datasheet HTML 3Page - RF Monolithics, Inc TXC102 Datasheet HTML 4Page - RF Monolithics, Inc TXC102 Datasheet HTML 5Page - RF Monolithics, Inc TXC102 Datasheet HTML 6Page - RF Monolithics, Inc TXC102 Datasheet HTML 7Page - RF Monolithics, Inc TXC102 Datasheet HTML 8Page - RF Monolithics, Inc TXC102 Datasheet HTML 9Page - RF Monolithics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
rev01
Complies with Directive 2002/95/EC (RoHS)
Product Overview
TXC102 is a highly integrated single chip, multi-channel, low power, high
data rate programmable RF transmitter ideal for the worldwide market and
operates in the 433, 868 and 915 MHz frequency bands. The TXC102 is
FCC & ETSI certifiable and improves upon the TXC101 with improved
phase noise and is capable of higher output power. All critical RF and
baseband functions are completely integrated in the chip, thus minimizing
external component count and simplifying design-ins. Its small size with
low power consumption makes it ideal for various short range radio
applications.
The TXC102 is a dual mode solution. In the Micro controller mode, a
generic 10MHz crystal and a low-cost microcontroller are the only
requirements to create a complete Transmitter link. In the EEPROM mode,
the TXC102 can function as a complete data transmitter with any SPI
compatible EEPROM and does not need a micro controller. This makes it
an ideal solution for a variety of simple short range radio applications.
Key Features
Modulation: OOK/FSK
Frequency Hopping Spread Spectrum capability
Operating frequency: 433/868/915 MHz
Low current consumption (TX current @ 0dBm ~ 13mA)
Wide Operating supply voltage: 2.2 to 5.4V
Low standby current (0.2uA)
OOK Data rate up to 512kbps
FSK Data rate up to 256kbps
Support for Multiple Channels
Generic 10MHz Xtal reference
Processor or EEPROM Mode Operation
Integrated PLL, IF & Baseband Circuitry
Integrated, Programmable Low Battery Voltage Detector
Programmable Push Button Control
Programmable Output RF Power
Programmable, Positive/Negative FSK Deviation
Programmable Clock Output Frequency
Standard SPI interface
External Wake-up Events
TTL/CMOS Compatible I/O pins
Automatic Antenna tuning circuit
No Manual Adjustment Needed for Production
Very few external components requirement
Small size plastic package: 16-pin TSSOP
Standard 13 inch Reel, 2000 pieces.
RF Monolithics, Inc.
4441 Sigma Road
Dallas, Texas 75244
(800) 704-6079 toll-free in U.S. and Canada
www.rfm.com
Email: info@rfm.com
16-TSSOP package
Popular applications
Remote control applications
Remote control applications
Active RFID tags
Wireless PC Peripherals
Automated Meter reading
Home & Industrial Automation
Security systems
Remote keyless entry
Automobile Immobilizers
Sports & Performance monitoring
Wireless Toys
Medical equipment
Low power two way telemetry systems
Wireless mesh sensors
Wireless modules
[433 Band]: 380 Channels (25kHz),
[868 Band]: 761 Channels (25kHz)
[915 Band]: 1040 Channels (25kHz)


Số phần tương tự - TXC102

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
RF Monolithics, Inc
TXC100 RFM-TXC100 Datasheet
527Kb / 11P
Single chip OOK/ASK/FSK Transmitter IC in the 300~450 MHz frequency range.
logo
Murata Manufacturing Co...
TXC100 MURATA-TXC100 Datasheet
456Kb / 11P
300-450 MHz Transmitter
logo
RF Monolithics, Inc
TXC101 RFM-TXC101 Datasheet
329Kb / 30P
Multi-channel High data rate Programmable
More results

Mô tả tương tự - TXC102

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
RF Monolithics, Inc
RXC101 RFM-RXC101 Datasheet
538Kb / 33P
Multi-channel High data rate Programmable
TXC101 RFM-TXC101 Datasheet
329Kb / 30P
Multi-channel High data rate Programmable
logo
Texas Instruments
TLK3134 TI-TLK3134 Datasheet
1Mb / 149P
4-Channel Multi-Rate Transceiver
TLK3134 TI-TLK3134_1 Datasheet
2Mb / 150P
4-Channel Multi-Rate Transceiver
TLK3131 TI-TLK3131 Datasheet
1Mb / 101P
Single Channel Multi-Rate Transceiver
TLK3132 TI-TLK3132 Datasheet
1Mb / 103P
2-Channel Multi-Rate Transceiver
TLK10002 TI1-TLK10002 Datasheet
620Kb / 73P
10Gbps Dual-Channel Multi-Rate Transceiver
MAY2011
TLK3131 TI1-TLK3131_15 Datasheet
1Mb / 102P
Single Channel Multi-Rate Transceiver
TLK3132 TI1-TLK3132_15 Datasheet
1Mb / 104P
2-Channel Multi-Rate Transceiver
logo
Richtek Technology Corp...
RT5016C RICHTEK-RT5016C_16 Datasheet
905Kb / 68P
I2C Programmable Multi-Channel PMU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com