công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TXC102 bảng dữ liệu(PDF) 21 Page - RF Monolithics, Inc

tên linh kiện TXC102
Giải thích chi tiết về linh kiện  Multi-channel High tae rate Programmable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RFM [RF Monolithics, Inc]
Trang chủ  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

TXC102 bảng dữ liệu(HTML) 21 Page - RF Monolithics, Inc

Back Button TXC102 Datasheet HTML 17Page - RF Monolithics, Inc TXC102 Datasheet HTML 18Page - RF Monolithics, Inc TXC102 Datasheet HTML 19Page - RF Monolithics, Inc TXC102 Datasheet HTML 20Page - RF Monolithics, Inc TXC102 Datasheet HTML 21Page - RF Monolithics, Inc TXC102 Datasheet HTML 22Page - RF Monolithics, Inc TXC102 Datasheet HTML 23Page - RF Monolithics, Inc TXC102 Datasheet HTML 24Page - RF Monolithics, Inc TXC102 Datasheet HTML 25Page - RF Monolithics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21
Data Rate Setup Register [POR=C800h] (EEPROM Mode ONLY)
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
1
1
0
0
1
0
0
0
BITR7
BITR6
BITR5
BITR4
BITR3
BITR2
BITR1
BITR0
The Data Rate Setup Register configures the effective transmit data rate for the transmitter.
Bit [15..8] - Command Code: These bits are the command code that is sent serially to the processor that identifies the bits to be
written to the Data Rate Setup Register.
Bit [7..0] – Data Rate Parameter Value: These bits represent the decimal value of the 7-bit parameter used to calculate the
expected data rate. The definable data rates range from 1.346kpbs to 344.828kbps. To calculate the expected data
rate, use the following formula:
DRexp(kbps) = 10000 / [29 * (BITR[6..0]+1)]
where BITR[6..0] is the decimal value 0 to 255.
To calculate the BITR[6..0] decimal value for a given bit rate, use the following formula:
BITR[6..0] = (10000 / [29 * DRexp]) - 1
where DRexp is the expected data rate.
TABLE 12. Conversion for Common Data Rates
Hex Value
Common Data Rate (bps)
0x8E
2400
0x47
4800
0x23
9600
0x19
13200
0x17
14400
0x11
19200
0x0B
28800
0x02
115200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com