công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TXC102 bảng dữ liệu(PDF) 6 Page - RF Monolithics, Inc

tên linh kiện TXC102
Giải thích chi tiết về linh kiện  Multi-channel High tae rate Programmable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RFM [RF Monolithics, Inc]
Trang chủ  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

TXC102 bảng dữ liệu(HTML) 6 Page - RF Monolithics, Inc

Back Button TXC102 Datasheet HTML 2Page - RF Monolithics, Inc TXC102 Datasheet HTML 3Page - RF Monolithics, Inc TXC102 Datasheet HTML 4Page - RF Monolithics, Inc TXC102 Datasheet HTML 5Page - RF Monolithics, Inc TXC102 Datasheet HTML 6Page - RF Monolithics, Inc TXC102 Datasheet HTML 7Page - RF Monolithics, Inc TXC102 Datasheet HTML 8Page - RF Monolithics, Inc TXC102 Datasheet HTML 9Page - RF Monolithics, Inc TXC102 Datasheet HTML 10Page - RF Monolithics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
These values are what the RF port pins want to “see” as an antenna load for maximum power transfer.
Antennas ideally suited for this would be a Dipole, Folded Dipole, and Loop. For all transmit antenna
applications, a bias or “choke” inductor must be included since the RF outputs are open-collector type.
The TXC102 may also drive a single ended 50 Ohm load, such as a monopole antenna, using the
matching circuit as shown in Figure 1. Use of a balun would provide an optimum power transfer, but the
matching circuit of Figure 1 has been optimized for use with discrete components, reducing the cost
associated with use of a balun.
The matching component values for a 50 Ohm load are given in Table 2.
Table 2.
Ref Des
433
868
916
C1
5.1pF
2.7pF
2.7pF
C2
2.7pF
1.2pF
1.2pF
L1
33nH
8.2nH
8.2nH
L2
390nH 100nH 100nH
L3
47nH
22nH
22nH
Antenna Design Considerations
The TXC102 was designed to drive a differential output such as a Dipole or a Loop antenna. A loop
antenna is recommended for applications where size is critical. The dipole is typically not an attractive
option for compact designs based on its inherent size at resonance and distance needed away from a
ground plane to be an efficient radiating antenna. A monopole is possible with addition of a balun or
using the matching circuit in Figure 1.
PCB Layout Considerations
PCB layout is very critical. For optimal transmit and receive performance, the trace lengths at the RF pins
must be kept as short as possible. Using small, surface mount components, like 0402, will yield the best
performance and also keep the RF port compact. It is recommended that all RF connections are made
short and direct. A good rule of thumb to adhere to is to add 1nH of series inductance to the path for
every 0.1” of trace length. The crystal oscillator is also affected by additional trace length as it adds
parasitic capacitance to the overall load of the crystal. To minimize this effect the crystal must be placed
as close as possible to the chip and all connections must be made short and direct. This will minimize the
effects of “frequency pulling” , that stray capacitance may introduce and allow the internal load
capacitance of the chip to be more effective in properly loading the crystal oscillator circuit.
When an external processor is used, the TXC102 provides an on-chip clock. Even though this is an
integrated function, long runs of the clock signal may radiate and cause interference. This can degrade
receiver performance as well as add harmonics or unwanted modulation to the transmitter. Keep clock
connections as short as possible and surround the clock trace with an adjacent ground plane pour where
needed. This will help in reducing any radiation or crosstalk due to long runs of the clock signal.
Good power supply bypassing is also essential. Large decoupling capacitors should be placed at the
point where power is applied to the PCB. Smaller value decoupling capacitors should then be placed at
each power point of the chip as well as bias nodes for the RF port. Poor bypassing lends itself to
conducted interference which can cause noise and spurious signals to couple into the RF sections, thus
significantly reducing performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com