công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCE85176AUG/DA bảng dữ liệu(PDF) 30 Page - NXP Semiconductors

tên linh kiện PCE85176AUG/DA
Giải thích chi tiết về linh kiện  4 횞 40 LCD segment driver for Chip-On-Glass
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCE85176AUG/DA bảng dữ liệu(HTML) 30 Page - NXP Semiconductors

Back Button PCE85176AUG/DA Datasheet HTML 26Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 27Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 28Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 29Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 30Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 31Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 32Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 33Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
PCE85176AUG
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 12 January 2015
30 of 48
NXP Semiconductors
PCE85176AUG
4 × 40 LCD segment driver for Chip-On-Glass
11. Limiting values
[1]
Pass level; Human Body Model (HBM), according to Ref. 9 “JESD22-A114”
[2]
Pass level; latch-up testing according to Ref. 10 “JESD78” at maximum ambient temperature (Tamb(max)).
[3]
According to the store and transport requirements (see Ref. 14 “UM10569”) the devices have to be stored at a temperature of +8
C to
+45
C and a humidity of 25 % to 75 %.
Table 23.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
0.5
+6.5
V
VLCD
LCD supply voltage
0.5
+6.5
V
VI
input voltage
on each of the pins CLK,
SDA, SCL, T1 to T4, SA0,
OSC
0.5
+6.5
V
VO
output voltage
on each of the pins S0 to
S39, BP0 to BP3
0.5
+6.5
V
II
input current
10
+10
mA
IO
output current
10
+10
mA
IDD
supply current
50
+50
mA
IDD(LCD)
LCD supply current
50
+50
mA
ISS
ground supply current
50
+50
mA
Ptot
total power dissipation
-
400
mW
Po
output power
-
100
mW
VESD
electrostatic discharge
voltage
HBM
[1] -
3500
V
Ilu
latch-up current
[2] -100
mA
Tstg
storage temperature
[3]
55
+150
C
Tamb
ambient temperature
operating device
40
+85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com