công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCE85176AUG/DA bảng dữ liệu(PDF) 17 Page - NXP Semiconductors

tên linh kiện PCE85176AUG/DA
Giải thích chi tiết về linh kiện  4 횞 40 LCD segment driver for Chip-On-Glass
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCE85176AUG/DA bảng dữ liệu(HTML) 17 Page - NXP Semiconductors

Back Button PCE85176AUG/DA Datasheet HTML 13Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 14Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 15Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 16Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 17Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 18Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 19Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 20Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
PCE85176AUG
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 12 January 2015
17 of 48
NXP Semiconductors
PCE85176AUG
4 × 40 LCD segment driver for Chip-On-Glass
The host microcontroller maintains the 2-line I2C-bus communication channel with the
PCE85176AUG. The internal oscillator is enabled by connecting pin OSC to pin VSS. The
appropriate biasing voltages for the multiplexed LCD waveforms are generated internally.
The only other connections required to complete the system are the power supplies (VDD,
VSS, and VLCD) and the LCD panel chosen for the application.
7.5.1 LCD bias generator
Fractional LCD biasing voltages are obtained from an internal voltage divider of three
impedances connected between pins VLCD and VSS. The center impedance is bypassed
by switch if the 1⁄2 bias voltage level for the 1:2 multiplex drive mode configuration is
selected.
7.5.2 Display register
The display register holds the display data while the corresponding multiplex signals are
generated.
7.5.3 LCD voltage selector
The LCD voltage selector coordinates the multiplexing of the LCD in accordance with the
selected LCD drive configuration. The operation of the voltage selector is controlled by the
mode-set command from the command decoder. The biasing configurations that apply to
the preferred modes of operation, together with the biasing characteristics as functions of
VLCD and the resulting discrimination ratios (D) are given in Table 21.
A practical value for VLCD is determined by equating Voff(RMS) with a defined LCD
threshold voltage (Vth(off)), typically when the LCD exhibits approximately 10 % contrast. In
the static drive mode, a suitable choice is VLCD >3Vth(off).
Multiplex drive modes of 1:3 and 1:4 with 1⁄2 bias are possible but the discrimination and
hence the contrast ratios are smaller.
Bias is calculated by
, where the values for a are
a = 1 for 1⁄2 bias
a = 2 for 1⁄3 bias
The RMS on-state voltage (Von(RMS)) for the LCD is calculated with Equation 1:
(1)
where the values for n are
Table 21.
Biasing characteristics
LCD drive
mode
Number of:
LCD bias
configuration
Backplanes Levels
static
1
2
static
0
1
1:2 multiplex
2
3
1⁄2
0.354
0.791
2.236
1:2 multiplex
2
4
1⁄3
0.333
0.745
2.236
1:3 multiplex
3
4
1⁄3
0.333
0.638
1.915
1:4 multiplex
4
4
1⁄3
0.333
0.577
1.732
V
off RMS

V
LCD
-------------------------
V
on RMS

V
LCD
------------------------
D
V
on RMS

V
off RMS

-------------------------
=
1
1a
+
-------------
V
on RMS

a2
2a
n
++
n
1a
+

2
------------------------------
V
LCD
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com