công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8580GEFT bảng dữ liệu(PDF) 18 Page - Wolfson Microelectronics plc

tên linh kiện WM8580GEFT
Giải thích chi tiết về linh kiện  Multichannel CODEC with S/PDIF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580GEFT bảng dữ liệu(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8580GEFT Datasheet HTML 14Page - Wolfson Microelectronics plc WM8580GEFT Datasheet HTML 15Page - Wolfson Microelectronics plc WM8580GEFT Datasheet HTML 16Page - Wolfson Microelectronics plc WM8580GEFT Datasheet HTML 17Page - Wolfson Microelectronics plc WM8580GEFT Datasheet HTML 18Page - Wolfson Microelectronics plc WM8580GEFT Datasheet HTML 19Page - Wolfson Microelectronics plc WM8580GEFT Datasheet HTML 20Page - Wolfson Microelectronics plc WM8580GEFT Datasheet HTML 21Page - Wolfson Microelectronics plc WM8580GEFT Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 92 page
background image
WM8580
Product Preview
w
PP Rev 1.0 March 2006
18
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:0
READMUX
[2:0]
000
Determines which status register
is to be read back:
000 = Error Register
001 = Channel Status Register 1
010 = Channel Status Register 2
011 = Channel Status Register 3
100 = Channel Status Register 4
101 = Channel Status Register 5
110 = S/PDIF Status Register
3
CONTREAD
0
Continuous Read Enable.
0 = Continuous read-back mode
disabled
1 = Continuous read-back mode
enabled
R52
READBACK
34h
4
READEN
0
Read-back mode enable.
0 = read-back mode disabled
1 = read-back mode enabled
Table 9 Read-back Control Register
The 3-wire interface readback protocol is shown below. Note that the SDO pin is tri-state unless CSB
is held low; therefore CSB must be held low for the duration of the read.
Figure 7 3-Wire SPI Compatible Interface Continuous Readback
If CONTREAD is set to zero, the user can read back directly from the register by writing to the
register address, to which the device will respond with data. The protocol for this system is shown in
Figure 8 below.
Figure 8 3-Wire SPI Compatible Control Interface Non-Continuous Readback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com