| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM65101AF bảng dữ liệu(PDF) 8 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM65101AF bảng dữ liệu(HTML) 8 Page - ELAN Microelectronics Corp |
|
8 / 83 page ![]() EM65101 128COM/160SEG 16 Gray Scale Level LCD Driver 2 • Product Specification (V0.4) 08.15.2005 (This specification is subject to change without further notice) 3 Applications Mobile phone Small PDA 4 Pin Configurations 1 440 418 417 147 146 169 170 Figure 4-1 EM65101AH Pin Configuration (Sample) NOTE The ELAN logo is at the left side end and Pin1 is at the bottom-left corner. 4.1 Alignment Key Mark Coordinates (X,Y) Mark Coordinates (X,Y) U-Left -5019.95, 273.5 U-Right 5020.75, 273.5 D-Left -5019.95, –321.65 D-Right 5020.75, –321.65 D-Left and D-Right: U-Left and U-Right: Figure 4-2 Pin Alignment Key 100um 40 40 20 40 20 40 100um 100um 100um |