công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EM65101AF bảng dữ liệu(PDF) 63 Page - ELAN Microelectronics Corp

tên linh kiện EM65101AF
Giải thích chi tiết về linh kiện  128COM/160SEG 16 Gray Scale Level LCD Driver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EMC [ELAN Microelectronics Corp]
Trang chủ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65101AF bảng dữ liệu(HTML) 63 Page - ELAN Microelectronics Corp

Back Button EM65101AF Datasheet HTML 59Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 60Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 61Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 62Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 63Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 64Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 65Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 66Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 67Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 83 page
background image
EM65101
128COM/160SEG 16 Gray Scale Level LCD Driver
Product Specification (V0.4) 08.15.2005
• 57
(This specification is subject to change without further notice)
Vref=1.5V, V0 modified range is shown in the following figure:
Figure 8-4 V0 Modified Range
8.2.18 Line Reverse Start Address
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2 RE1 RE0
0
1
1
1
LS3 LS2 LS1 LS0
0
1
1
0
0
0
1
(At the time of reset: {LS3, LS2, LS1, LS0} = 0H, read address: 7H)
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2 RE1 RE0
1
0
0
0
*
LS6 LS5 LS4
0
1
1
0
0
0
1
* = Don’t Care
(At the time of reset: { LS6, LS5, LS4} = 0H, read address: 8H)
When setting the line reverse range, the panel on the defined range will be reversed.
NOTE
The RAM data is not changed.
LS6
LS5
LS4
LS3
LS2
LS1
LS0
Start Common Number
0
0
0
0
0
0
0
COM0
0
0
0
0
0
0
1
COM1
:
:
:
:
:
:
:
:
1
1
1
1
1
1
0
COM126
1
1
1
1
1
1
1
COM127
The relationship between DV and V0
4
7
10
13
16
19
0
30
60
90
120
DV value
V0
RM=3
RM=4
RM=5
RM=6.5
RM=8
RM=8.5
RM=8.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83