| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM65101AF bảng dữ liệu(PDF) 49 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM65101AF bảng dữ liệu(HTML) 49 Page - ELAN Microelectronics Corp |
|
49 / 83 page ![]() EM65101 128COM/160SEG 16 Gray Scale Level LCD Driver Product Specification (V0.4) 08.15.2005 • 43 (This specification is subject to change without further notice) 8.1.3 Control Register (Bank 2) Pins (for 80-Family) & Bank Address & Code Control Register CSB RS WRB RDB RE2 RE1 RE0 D7 D6 D5 D4 D3 D2 D1 D0 Function EEPROM mode select [0H] 0 1 0 10100000 * M1 M0 VPP_ EXT EEPROM mode select Vop calibration offset select (Low nibble) [1H] 0 1 0 10100001 CV3 CV2 CV1 CV0 Vop calibration offset select (Upper nibble) [2H] 0 1 0 10100010 * * CV5 CV4 Vop calibration offset select EEPROM address select [5H] 0 1 0 10100101 * * NIB1 NIB0 Select EEPROM address Scroll top address (Low nibble) [6H] 0 1 0 10100110 STA3 STA2 STA1 STA0 Scroll top address (Upper nibble) [7H] 0 1 0 10100111 * STA6 STA5 STA4 Set scroll top address Scroll bottom address (Low nibble) [8H] 0 1 0 10101000 SBA3 SBA2 SBA1 SBA0 Scroll bottom address (Upper nibble) [9H] 0 1 0 10101001 * SBA6 SBA5 SBA4 Set scroll bottom address Scroll specified address (Low nibble) [AH] 0 1 0 10101010 SSA3 SSA2 SSA1 SSA0 Scroll specified address (Upper nibble) [BH] 0 1 0 10101011 * SSA6 SSA5 SSA4 Set scroll specified address Scroll start address (Low nibble) [CH] 0 1 0 10101100 SAY3 SAY2 SAY1 SAY0 Scroll start address (Upper nibble) [DH] 0 1 0 10101101 * SAY6 SAY5 SAY4 Set scroll start address Scroll mode select [EH] 0 1 0 10101110 * * SM1 SM0 Scroll mode select Register Access Control [FH] 0 1 0 1 0/1 0/1 0/1 1111 * RE2 RE1 RE0 RE: set register bank number NOTE: Address for the control register are enclosed in brackets [ ]. *= Don’t Care |