| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
32L476GDISCOVERY bảng dữ liệu(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
32L476GDISCOVERY bảng dữ liệu(HTML) 31 Page - STMicroelectronics |
|
31 / 37 page ![]() DocID028080 Rev 1 31/37 UM1919 Demonstration firmware footprints 36 6 Demonstration firmware footprints This section provides the memory requirements for all the demonstration modules. The aim is to have an estimation of memory requirement in case of suppression or addition of a module or feature. The footprint information is provided for the following environment: • Tool chain: IAR 7.40.1 • Optimization: high size • Board: STM32L476G discovery. Table 12 shows the code memory, data memory and the constant memory used for each application module file and related libraries. Table 12. Modules footprint Module Code [Byte] Data [byte] Const [byte] IDD 832 237 264 VDD 324 142 68 RECORD 1112 - 68 PLAYER 1212 - 68 COMPAS 1052 108 124 SOUND + SoundMeter library 638 4338 3932 12 508 8 GUITAR + GuitarTuner library 592 6704 12416 - 236 248 Main application (Top menu + Option submenu) 274 276 376 |