| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
32L476GDISCOVERY bảng dữ liệu(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
32L476GDISCOVERY bảng dữ liệu(HTML) 6 Page - STMicroelectronics |
|
6 / 37 page ![]() STM32Cube overview UM1919 6/37 DocID028080 Rev 1 1 STM32Cube overview The STMCubeTM initiative was originated by STMicroelectronics to ease developers’ life by reducing development efforts, time and cost. STM32Cube covers the STM32 portfolio. STM32Cube Version 1.x includes: • The STM32CubeMX, a graphical software configuration tool that allows generating C initialization code using graphical wizards. • A comprehensive embedded software platform, delivered per series (such as STM32CubeL4 for STM32L4 Series) – The STM32CubeL4 HAL, an STM32 abstraction layer embedded software, ensuring maximized portability across STM32 portfolio – A consistent set of middleware components such as RTOS, USB, TCP/IP, graphics – All embedded software utilities coming with a full set of examples. Figure 1. STM32Cube block diagram |