công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

32L476GDISCOVERY bảng dữ liệu(PDF) 25 Page - STMicroelectronics

tên linh kiện 32L476GDISCOVERY
Giải thích chi tiết về linh kiện  STM32CubeL4 demonstration firmware for 32L476GDISCOVERY discovery kit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

32L476GDISCOVERY bảng dữ liệu(HTML) 25 Page - STMicroelectronics

Back Button 32L476GDISCOVERY Datasheet HTML 21Page - STMicroelectronics 32L476GDISCOVERY Datasheet HTML 22Page - STMicroelectronics 32L476GDISCOVERY Datasheet HTML 23Page - STMicroelectronics 32L476GDISCOVERY Datasheet HTML 24Page - STMicroelectronics 32L476GDISCOVERY Datasheet HTML 25Page - STMicroelectronics 32L476GDISCOVERY Datasheet HTML 26Page - STMicroelectronics 32L476GDISCOVERY Datasheet HTML 27Page - STMicroelectronics 32L476GDISCOVERY Datasheet HTML 28Page - STMicroelectronics 32L476GDISCOVERY Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
DocID028080 Rev 1
25/37
UM1919
Demonstration firmware settings
36
5
Demonstration firmware settings
5.1
Clock control
The demonstration firmware takes benefit of the STM32L476VGT6 clock tree by selecting
dynamically the clock configuration required by the running application/module when
running in low-power mode.
The following clock configurations are used in the demonstration firmware:
The following oscillators and PLL are used in the demonstration firmware:
Table 5. Clock configurations
Clock configuration
Application/module
USB-powered
Application/module
battery
SYSCLK: 2MHz MSI
(LPRUN voltage range 2)
-
Demonstration startup
IDD application
SYSCLK: 16MHz PLL from MSI 16MHz
(RUN voltage range 2)
-
Sound Meter
Compass
SYSCLK: 80MHz (PLL) from MSI 8MHz
(RUN voltage range 1)
Demonstration startup
All applications
-
Table 6. Oscillators and PLL description
Oscillators
Application/module
USB-powered
Application/module
battery
MSI from 2MHz to 16MHz
Demonstration startup
Demonstration startup
IDD application
Sound meter
Compass
LSE
LCD glass display
LCD glass display
LSI
Internal Watchdog
for automatic FW reset
(error management)
-
PLL main
Demonstration startup
All applications
Sound meter
Compass
PLLSAI1
PLLSAI1_VCO= 8 MHz * PLLSAI1N = 8 * 43 =
VCO_344M
SAI_CK_x = PLLSAI1_VCO/PLLSAI1P = 344/7 =
49.142 MHz
Player
Record
Sound meter
Guitar tuner
Sound meter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com