công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PL-USB-BLASTER-RCN bảng dữ liệu(PDF) 5 Page - Intel Corporation

tên linh kiện PL-USB-BLASTER-RCN
Giải thích chi tiết về linh kiện  Intel짰 FPGA Download Cable User Guide
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

PL-USB-BLASTER-RCN bảng dữ liệu(HTML) 5 Page - Intel Corporation

  PL-USB-BLASTER-RCN Datasheet HTML 1Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 2Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 3Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 4Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 5Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 6Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 7Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 8Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
A 10-pin surface mount header can be used for the JTAG, AS, or PS download cable.
However, Intel recommends using a through-hole connector because of the repeated
insertion and removal force needed.
Figure 3.
Connectors and Dimensions
0.023 Sq .
0.235
0.100
Side View
0.100
Top View
Dimensions are in inches
10-pin Male Header
0.250 Typ.
0.700 Typ.
0.425 Typ.
0.100 Sq.
10
9
8
7
6
5
4
3
2
1
0.025 Sq.
Spacing between pin centers is 0.1 inches.
10-pin Female Connector
(Device Board)
2.3. Pin Description
The following table lists the pins of the Intel FPGA Download Cable female plug and
describes their functions in the JTAG, active serial and passive serial modes.
Table 3.
Signal Names of the Intel FPGA Download Cable Female Plug
Pin
AS Mode
PS Mode
JTAG Mode
Signal Name
Description
Signal Name
Description
Signal Name
Description
1
DCLK
Clock signal.
DCLK
Clock signal.
TCK
Clock signal.
2
GND
Signal ground.
GND
Signal ground.
GND
Signal ground.
3
CONF_DONE
Configuration
done.
CONF_DONE
Configuration
done.
TDO
Data from
device.
4
VCC(TRGT)
Target power
supplied by the
device board.
VCC(TRGT)
Target power
supplied by the
device board.
VCC(TRGT)
Target power
supplied by the
device board.
5
nCONFIG
Configuration
control.
nCONFIG
Configuration
control.
TMS
JTAG state
machine control.
6
nCE
Cyclone chip
enable.
—
—
—
—
7
DATAOUT
Active serial data
out.
nSTATUS
Configuration
status.
—
—
8
nCS
Serial
configuration
device chip
select.
—
—
—
—
9
ASDI
Active serial data
in.
DATA0
Data to device.
TDI
Data to device.
10
GND
Signal ground.
GND
Signal ground.
GND
Signal ground.
2. Specifications for Intel FPGA Download Cable
UG-USB81204 | 2020.03.11
Send Feedback
Intel® FPGA Download Cable User Guide
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com