công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PL-USB-BLASTER-RCN bảng dữ liệu(PDF) 3 Page - Intel Corporation

tên linh kiện PL-USB-BLASTER-RCN
Giải thích chi tiết về linh kiện  Intel짰 FPGA Download Cable User Guide
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

PL-USB-BLASTER-RCN bảng dữ liệu(HTML) 3 Page - Intel Corporation

  PL-USB-BLASTER-RCN Datasheet HTML 1Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 2Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 3Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 4Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 5Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 6Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 7Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 8Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
1. Introduction to Intel® FPGA Download Cable
The Intel® FPGA Download Cable interfaces a USB port on a host computer to an FPGA
mounted on a printed circuit board. The cable sends configuration data from the host
computer to a standard 10-pin header connected to the FPGA. You can use the Intel
FPGA Download Cable to iteratively download configuration data to a system during
prototyping or to program data into the system during production.
1.1. Intel FPGA Download Cable Revision
Table 1.
Intel FPGA Download Cable Revision
Revision
Indicator
Description
RoHS Compliant
Rev. A
Ribbon cable. No revision
marking on the casing.
10-pin female connector that is connected to the
Intel FPGA Download Cable through a ribbon
cable.
No
Rev. B
"Rev. B" on the casing.
10-pin female connector that is connected to the
Intel FPGA Download Cable through a flexible PCB
cable.
No
Rev. C
"Rev. C" on the casing.
10-pin female connector that is connected to the
Intel FPGA Download Cable through a flexible PCB
cable.
Yes
1.2. Supported Devices and Host Systems
You can use the Intel FPGA Download Cable with supported Intel FPGAs, serial
configuration devices, and host systems.
Table 2.
Supported Devices and Host Systems
FPGA
Serial Configuration Device
Host System
Stratix® series
Arria® series
Cyclone® series
MAX® series
EPCS devices
EPCQ devices
EPCQ-L devices
Windows
Linux
UG-USB81204 | 2020.03.11
Send Feedback
Intel Corporation. All rights reserved. Agilex, Altera, Arria, Cyclone, Enpirion, Intel, the Intel logo, MAX, Nios,
Quartus and Stratix words and logos are trademarks of Intel Corporation or its subsidiaries in the U.S. and/or
other countries. Intel warrants performance of its FPGA and semiconductor products to current specifications in
accordance with Intel's standard warranty, but reserves the right to make changes to any products and services
at any time without notice. Intel assumes no responsibility or liability arising out of the application or use of any
information, product, or service described herein except as expressly agreed to in writing by Intel. Intel
customers are advised to obtain the latest version of device specifications before relying on any published
information and before placing orders for products or services.
*Other names and brands may be claimed as the property of others.
ISO
9001:2015
Registered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com