công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PL-USB-BLASTER-RCN bảng dữ liệu(PDF) 7 Page - Intel Corporation

tên linh kiện PL-USB-BLASTER-RCN
Giải thích chi tiết về linh kiện  Intel짰 FPGA Download Cable User Guide
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

PL-USB-BLASTER-RCN bảng dữ liệu(HTML) 7 Page - Intel Corporation

Back Button PL-USB-BLASTER-RCN Datasheet HTML 3Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 4Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 5Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 6Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 7Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 8Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 9Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 10Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Symbol
Parameter
Conditions
Min
Max
Unit
3.3-V low-level
output voltage
VCC(TRGT) = 3.6 V, IOL = 1 mA
—
0.125
V
2.5-V low-level
output voltage
VCC(TRGT) = 2.625 V, IOL = 1 mA
—
0.125
V
1.8-V low-level
output voltage
VCC(TRGT) = 1.89 V, IOL = 1 mA
—
0.125
V
1.5-V low-level
output voltage
VCC(TRGT) = 1.57 V, IOL = 1 mA
—
0.125
V
ICC(TRGT)
Operating current
(No Load)
Typical ICC(TRGT) = 16 uA
—
100
µA
Table 7.
DC Operating Conditions for Intel FPGA Download Cable Rev. C
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
High-level input
voltage
VCC(TRGT) >= 2.0 V
2.0
—
V
VCC(TRGT) < 2.0 V
VCC(TRGT)
—
V
VIL
Low-level input
voltage
VCC(TRGT) >= 2.0 V
—
0.8
V
VCC(TRGT) < 2.0 V
—
0
V
VOH
5.0-V high-level
output voltage
VCC(TRGT) = 4.5 V, IOH = -10 mA
3.8
—
V
3.3-V high-level
output voltage
VCC(TRGT) = 3.0 V, IOH = -8 mA
2.3
—
V
2.5-V high-level
output voltage
VCC(TRGT) = 2.375 V, IOH = -6 mA
1.8
—
V
1.8-V high-level
output voltage
VCC(TRGT) = 1.71 V, IOH = -4 mA
1.2
—
V
VOL
5.0-V high-level
output voltage
VCC(TRGT) = 5.5 V, IOL = 10 mA
—
0.8
V
3.3-V high-level
output voltage
VCC(TRGT) = 3.6 V, IOL = 8 mA
—
0.7
V
2.5-V high-level
output voltage
VCC(TRGT) = 2.625 V, IOL = 6 mA
—
0.6
V
1.8-V high-level
output voltage
VCC(TRGT) = 1.89 V, IOL = 4 mA
—
0.5
V
ICC(TRGT)
Operating current
(No Load)
Typical ICC(TRGT) = 16 uA
—
100
µA
2.5. Power Requirements
The Intel FPGA Download Cable VCC(TRGT) pin must be connected to a specific voltage
for the device being programmed. Connect pull-up resistors to the same power supply
as the Intel FPGA Download Cable VCC(TRGT).
2. Specifications for Intel FPGA Download Cable
UG-USB81204 | 2020.03.11
Send Feedback
Intel® FPGA Download Cable User Guide
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com