| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCF5373CAB180 bảng dữ liệu(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MCF5373CAB180 bảng dữ liệu(HTML) 14 Page - NXP Semiconductors |
|
14 / 46 page ![]() MCF537x ColdFire® Microprocessor Data Sheet, Rev. 4 Electrical Characteristics Freescale Semiconductor 14 5 Electrical Characteristics This document contains electrical specification tables and reference timing diagrams for the MCF5373 microcontroller unit. This section contains detailed information on power considerations, DC/AC electrical characteristics, and AC timing specifications of MCF5373. The electrical specifications are preliminary and are from previous designs or design simulations. These specifications may not be fully tested or guaranteed at this early stage of the product life cycle. However, for production silicon, these specifications will be met. Finalized specifications will be published after complete characterization and device qualifications have been completed. NOTE The parameters specified in this MCU document supersede any values found in the module specifications. 5.1 Maximum Ratings Table 4. Absolute Maximum Ratings1, 2 1 Functional operating conditions are given in Section 5.4, “DC Electrical Specifications.” Absolute maximum ratings are stress ratings only, and functional operation at the maxima is not guaranteed. Continued operation at these levels may affect device reliability or cause permanent damage to the device. 2 This device contains circuitry protecting against damage due to high static voltage or electrical fields; however, it is advised that normal precautions be taken to avoid application of any voltages higher than maximum-rated voltages to this high-impedance circuit. Reliability of operation is enhanced if unused inputs are tied to an appropriate logic voltage level (VSS or EVDD). Rating Symbol Value Unit Core Supply Voltage IVDD – 0.5 to +2.0 V CMOS Pad Supply Voltage EVDD – 0.3 to +4.0 V DDR/Memory Pad Supply Voltage SDVDD – 0.3 to +4.0 V PLL Supply Voltage PLLVDD – 0.3 to +2.0 V Digital Input Voltage 3 3 Input must be current limited to the value specified. To determine the value of the required current-limiting resistor, calculate resistance values for positive and negative clamp voltages, and then use the larger of the two values. VIN – 0.3 to +3.6 V Instantaneous Maximum Current Single pin limit (applies to all pins) 3, 4, 5 4 All functional non-supply pins are internally clamped to V SS and EVDD. 5 Power supply must maintain regulation within operating EV DD range during instantaneous and operating maximum current conditions. If positive injection current (Vin > EVDD) is greater than IDD, the injection current may flow out of EVDD and could result in external power supply going out of regulation. Ensure external EVDD load shunts current greater than maximum injection current. This is the greatest risk when the MCU is not consuming power (ex; no clock). Power supply must maintain regulation within operating EVDD range during instantaneous and operating maximum current conditions. ID 25 mA Operating Temperature Range (Packaged) TA (TL - TH) – 40 to +85 °C Storage Temperature Range Tstg – 55 to +150 °C |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |