| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MM9Z1 bảng dữ liệu(PDF) 49 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MM9Z1 bảng dữ liệu(HTML) 49 Page - NXP Semiconductors |
|
49 / 452 page ![]() NXP Semiconductors 49 MM9Z1_638 MM9Z1_638 OVERVIEW Note Reserved register space shown in Table 50 is not allocated to any module. This register space is reserved for future use. Writing to these locations have no effect. Read access to these locations returns zero. 0x07F0–0x07F7 D2DI (Die-to-Die Initiator) 8 0x07F8–0x07FF Reserved 8 0x0800–0x083F CAN0 64 0x0840–0x0DFF Reserved 1472 0x0E00-0x0EFF D2DI (Die-to-Die Initiator, blocking access window) (71) 256 0x0F00–0x0FFF D2DI (Die-to-Die Initiator, non-blocking write window) (71) 256 Notes: 71.Refer to Analog die registers - 0x0E00–0x0EFF D2D blocking access (D2DI) 0x0F00–0x0FFF D2D non blocking access (D2DI). Table 50. Module register address ranges Address Module Size (bytes) |