| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8560CVT667JC bảng dữ liệu(PDF) 72 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8560CVT667JC bảng dữ liệu(HTML) 72 Page - NXP Semiconductors |
|
72 / 108 page ![]() MPC8560 Integrated Processor Hardware Specifications, Rev. 4.2 72 Freescale Semiconductor Package and Pin Listings 3. Maximum solder ball diameter measured parallel to datum A. 4. Datum A, the seating plane, is defined by the spherical crowns of the solder balls. 5. Capacitors may not be present on all devices. 6. Caution must be taken not to short capacitors or exposed metal capacitor pads on package top. 7. The socket lid must always be oriented to A1. 14.3 Pinout Listings Table 54 provides the pin-out listing for the MPC8560, 783 FC-PBGA package. Table 54. MPC8560 Pinout Listing Signal Package Pin Number Pin Type Power Supply Notes PCI/PCI-X PCI_AD[63:0] AA14, AB14, AC14, AD14, AE14, AF14, AG14, AH14, V15, W15, Y15, AA15, AB15, AC15, AD15, AG15, AH15, V16, W16, AB16, AC16, AD16, AE16, AF16, V17, W17, Y17, AA17, AB17, AE17, AF17, AF18, AH6, AD7, AE7, AH7, AB8, AC8, AF8, AG8, AD9, AE9, AF9, AG9, AH9, W10, Y10, AA10, AE11, AF11, AG11, AH11, V12, W12, Y12, AB12, AD12, AE12, AG12, AH12, V13, Y13, AB13, AC13 I/O OVDD 17 PCI_C_BE[7:0] AG13, AH13, V14, W14, AH8, AB10, AD11, AC12 I/O OVDD 17 PCI_PAR AA11 I/O OVDD — PCI_PAR64 Y14 I/O OVDD — PCI_FRAME AC10 I/O OVDD 2 PCI_TRDY AG10 I/O OVDD 2 PCI_IRDY AD10 I/O OVDD 2 PCI_STOP V11 I/O OVDD 2 PCI_DEVSEL AH10 I/O OVDD 2 PCI_IDSEL AA9 I OVDD — PCI_REQ64 AE13 I/O OVDD 5, 10 PCI_ACK64 AD13 I/O OVDD 2 PCI_PERR W11 I/O OVDD 2 PCI_SERR Y11 I/O OVDD 2, 4 PCI_REQ0 AF5 I/O OVDD — PCI_REQ[1:4] AF3, AE4, AG4, AE5 I OVDD — PCI_GNT[0] AE6 I/O OVDD — PCI_GNT[1:4] AG5, AH5, AF6, AG6 O OVDD 5, 9 |