công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8560CVT667JC bảng dữ liệu(PDF) 47 Page - NXP Semiconductors

tên linh kiện MPC8560CVT667JC
Giải thích chi tiết về linh kiện  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8560CVT667JC bảng dữ liệu(HTML) 47 Page - NXP Semiconductors

Back Button MPC8560CVT667JC Datasheet HTML 43Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 44Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 45Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 46Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 47Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 48Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 49Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 50Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 4.2
Freescale Semiconductor
47
CPM
Figure 27 shows the SCC/SPI external clock.
Figure 27. SCC/SPI AC Timing External Clock Diagram
Figure 28 shows the SCC/SPI internal clock.
Figure 28. SCC/SPI AC Timing Internal Clock Diagram
Figure 29 shows TDM input and output signals.
Figure 29. TDM Signal AC Timing Diagram
Serial Clock In
tNEIXKH
tNEIVKH
tNEKHOX
Input Signals:
SCC/SPI
(See Note)
Output Signals:
SCC
(See Note)
Note: The clock edge is selectable on SCC and SPI.
tSEKHOX
Output Signals:
SPI
(See Note)
BRG_OUT
tNIIXKH
tNIKHOX
Input Signals:
SCC/SPI
(See Note)
Output Signals:
SCC/SPI
(See Note)
Note: The clock edge is selectable on SCC and SPI.
tNIIVKH
Serial Clock In
tTDKHOX
TDM Input Signals
There are 4 possible TDM timing conditions:
tTDIVKH
tTDIXKH
TDM Output Signals
Note:
1.
2.
3.
4.
Input sampled on the rising edge and output driven on the rising edge (shown).
Input sampled on the rising edge and output driven on the falling edge.
Input sampled on the falling edge and output driven on the falling edge.
Input sampled on the falling edge and output driven on the rising edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com