| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7041A bảng dữ liệu(PDF) 588 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A bảng dữ liệu(HTML) 588 Page - Renesas Technology Corp |
|
588 / 923 page ![]() 550 ADDRB ADDRA Channel 3 Channel 2 Channel 1 Channel 0 ADST ADF ADDRC ADDRD Sampling 3 Sampling 6 A/D conversion 5 Sampling 1 A/D conver- sion 1 A/D conver- sion 3 Conver- sion standby A/D conver- sion 2 Sampling 2 Sampling 4 Sampling 5 A/D conver- sion 4 Conversion standby Conversion standby Set to 1 by software Cleared to 0 by software Conversion standby Conversion standby Conversion stopped Conver- sion result 1 Conver- sion result 2 Conver- sion result 3 Conver- sion result 4 Figure 15.5 A/D Converter Operation Example (Select-Scan Mode) 15.4.3 Group-Single Mode Choose group-single mode when doing A/D conversions for multiple channels. When the ADST bit is set to 1, A/D conversion is started according to the designated conversion start conditions. The ADST bit is held to 1 during A/D conversion and is automatically cleared to 0 when all conversions for the designated input channels are completed. The ADF flag is set to 1 when all conversions for the designated input channels are completed. If the ADIE bit is set to 1 at this time, an ADI interrupt request is generated. The ADF flag is cleared by reading the ADCSR then writing a 0. Figure 15.6 shows an example of operation in the group-single mode when AN0–AN2 are selected. |