| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7041A bảng dữ liệu(PDF) 587 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A bảng dữ liệu(HTML) 587 Page - Renesas Technology Corp |
|
587 / 923 page ![]() 549 ADDRB ADDRA Channel 3 Channel 2 Channel 1 Channel 0 ADST ADF ADDRC ADDRD Automatic clear Sampling 1 Conversion standby Conversion standby Conversion standby Conversion standby Conversion standby A/D conversion 1 Conversion result 1 Set to 1 by software Figure 15.4 A/D Converter Operation Example (Select-Single Mode) 15.4.2 Select-Scan Mode Choose select-scan mode when doing repeated A/D conversions for one channel. This is useful when doing continuous monitoring of the analog input of one channel. When the ADST bit is set to 1, A/D conversion is started according to the designated conversion start conditions. The ADST bit is held to 1 until 0 cleared by software. A/D conversion for the selected input channel is repeated during that interval. The ADF flag is set to 1 at the end of the first conversion. At this point, if the ADIE bit is set, an ADI interrupt request is issued, and the A/D converter is halted. With the A/D converter in stop mode due to an ADI interrupt request, conversion is restarted when the ADF flag is cleared to 0. The ADF flag is cleared by reading the ADCSR then writing a 0. Figure 15.5 shows an example of operation in the select-scan mode when AN1 is selected. |