| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7041A bảng dữ liệu(PDF) 73 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A bảng dữ liệu(HTML) 73 Page - Renesas Technology Corp |
|
73 / 923 page ![]() 35 Table 1.6 Pin Arrangement by Mode for SH7045 (QFP-144 Pin) (cont) PinNo. MCU Writer mode 73 PD15/D15 NC 74 PD14/D14 NC 75 PD13/D13 NC 76 PD12/D12 NC 77 V CC V CC 78 PD11/D11 NC 79 V SS V SS 80 PD10/D10 NC 81 PD9/D9 NC 82 PD8/D8 NC 83 PD7/D7 D7 84 PD6/D6 D6 85 V CC V CC 86 PD5/D5 D5 87 V SS V SS 88 PD4/D4 D4 89 PD3/D3 D3 90 PD2/D2 D2 91 PD1/D1 D1 92 PD0/D0 D0 93 V SS V SS 94 XTAL XTAL 95 MD3 MD3 96 EXTAL EXTAL 97 MD2 MD2 98 NMI V CC 99 V CC (FWP) * FWE 100 PA16/ AH NC 101 PA17/ WAIT NC 102 MD1 MD1 103 MD0 MD0 104 PLLV CC PLLV CC 105 PLLCAP PLLCAP 106 PLLV SS PLLV SS 107 PA15/CK NC Note: * V CC in the mask version; FWP in the F-ZTAT version (however, FWE in the writer mode) |