| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7041A bảng dữ liệu(PDF) 358 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A bảng dữ liệu(HTML) 358 Page - Renesas Technology Corp |
|
358 / 923 page ![]() 320 • Bits 2–0—Output Phase Switch 2–0 (WF, VF, UF): These bits set the positive phase/negative phase output phase on or off state. The setting of these bits is valid only when the FB bit in this register is set to 1. In this case, the setting of bits 2–0 is a substitute for external input. Function TIOC3B TIOC4A TIOC4B TIOC3D TIOC4C TIOC4D Bit 2: WF Bit 1: VF Bit 0: UF U Phase V Phase W Phase U Phase V Phase W Phase 0 0 0 Off Off Off Off Off Off Initial value 1 On Off Off Off Off On — 1 0 Off On Off On Off Off — 1 Off On Off Off Off On — 1 0 0 Off Off On Off On Off — 1 On Off Off Off On Off — 1 0 Off Off On On Off Off — 1 Off Off Off Off Off Off — 12.2.13 Timer Subcounter (TCNTS) The timer subcounter (TCNTS) is a 16-bit read-only counter that is used only in complementary PWM mode. The TCNTS counter is initialized to H'00 by a power-on reset or in standby mode. Manual reset does not initialize TCNTS. Accessing the TCNTS counter in 8-bit units is prohibited. Always access in 16-bit units. Bit: 15 14 13 12 11 10 9 8 Initial value: 0 0 0 0 0 0 0 0 R/W: R R R R R R R R Bit: 7 6 5 4 3 2 1 0 Initial value: 0 0 0 0 0 0 0 0 R/W: R R R R R R R R |