công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MWPR1516CFM bảng dữ liệu(PDF) 1 Page - NXP Semiconductors

tên linh kiện MWPR1516CFM
Giải thích chi tiết về linh kiện  MWPR1516 16 KB Flash 24 MHz Cortex-M0 Based Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWPR1516CFM bảng dữ liệu(HTML) 1 Page - NXP Semiconductors

  MWPR1516CFM Datasheet HTML 1Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 2Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 3Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 4Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 5Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 6Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 7Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 8Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
MWPR1516 16 KB Flash
24 MHz Cortex-M0+ Based Microcontroller
Higher integration receiver controller MCU for wireless power
transfer application. Targeting battery powered products are
smart phone, tablet, portable medical devices, power tools etc.
This product offers:
• AC/DC conversion and modulation/demodulation circuit for
bi-directional communication to support industrial standards
with foreign object detection (FOD)
• USB/adapter power switcher to charge products with wire
and wireless with priority.
• Up to 15 W with proper external transistors
• QFN package for industrial application and WLCSP
package for space constrained consumer applications
Performance
• 24 MHz ARM® Cortex®-M0+ core
• Single cycle 32-bit x 32-bit multiplier
Memories and memory interfaces
• 16 KB program flash memory
• 4 KB SRAM
System peripherals
• LDO provides 5 V and 3 A output to down system
• CNC controls the communication and provides AC
protection
• High voltage input PMC module with three power
modes: Run, Wait, Stop
• LVR with reset or interrupt, selectable trip points
• WDOG with independent clock source
• Serial wire debug interface
Clocks
• 32.768 kHz or 4 MHz to 24 MHz crystal oscillator
• Internal 20 kHz low-power oscillator (LPO)
• Internal clock source (ICS)
• Internal FLL with internal or external reference,
precision trimming
Operating Characteristics
• Input from rectifier voltage range: 3.5 to 20 V
• Temperature range (ambient): -40 to 85°C
Human-machine interface
• One interrupt module (IRQ)
• Up to 13 general-purpose input/output (GPIO)
Communication interfaces
• One UART module
• One I2C module
Analog Modules
• One 12-bit analog-to-digital converters (ADC) with
up to 4 external channels
• One programmable gain amplifier (PGA) with
differential input and output
• One analog comparator (ACMP) containing a 6-bit
DAC and programmable reference input
Timers
• Two 2-channel FTMs with basic TPM function
• One periodic interrupt timers (PIT)
• One FSK demodulation timer (FSKDT)
• System tick timer (SysTick)
• One real time clock (RTC)
Security and integrity modules
• 80-bit unique identification number per chip
MWPR1516CFM(R)
MWPR1516CALR
32-pin QFN (FM)
5 x 5 x 0.58 Pitch 0.5
mm
36-pin WLCSP (AL)
3.1 x 3.0 x 0.6 Pitch 0.4
mm
Freescale Semiconductor, Inc.
Document Number: WPR1516
Data Sheet: Technical Data
Rev 2, 1/2015
Freescale reserves the right to change the detail specifications as may be required to permit
improvements in the design of its products. © 2014–2015 Freescale Semiconductor, Inc. All
rights reserved.


Số phần tương tự - MWPR1516CFM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MWPR1024IZVHT NXP-MWPR1024IZVHT Datasheet
1Mb / 86P
Wireless Power Receiver with Integrated Bluetooth짰 Low Energy Radio
Rev. 0, 04/2018
MWPR1124ZVHT NXP-MWPR1124ZVHT Datasheet
1Mb / 86P
Wireless Power Receiver with Integrated Bluetooth짰 Low Energy Radio
Rev. 0, 04/2018
More results

Mô tả tương tự - MWPR1516CFM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
LPC11C12 NXP-LPC11C12 Datasheet
310Kb / 49P
32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 00.05-6 May 2010
LPC11CX2 NXP-LPC11CX2 Datasheet
1Mb / 61P
32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM C_CAN
Rev. 2-3 December 2010
LPC11CX2 NXP-LPC11CX2_11 Datasheet
520Kb / 62P
32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3-27 June 2011
LPC81XM NXP-LPC81XM Datasheet
568Kb / 67P
32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
Rev. 1.0-7 November 2012
LPC11C24FBD48301 NXP-LPC11C24FBD48301 Datasheet
327Kb / 62P
32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3.1-15 May 2013
LPC81XM NXP-LPC81XM_13 Datasheet
533Kb / 71P
32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
Rev. 3-29 July 2013
LPC81XM PHILIPS-LPC81XM_15 Datasheet
739Kb / 77P
32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
Rev. 4.4-23 June 2015
logo
Holtek Semiconductor In...
HT32F0008 HOLTEK-HT32F0008 Datasheet
1Mb / 46P
32-Bit Arm Cortex -M0 Microcontroller, up to 64 KB Flash and 16 KB SRAM
HT32F52243 HOLTEK-HT32F52243 Datasheet
6Mb / 44P
32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
October 23, 2017
logo
NXP Semiconductors
LPC11CX2 NXP-LPC11CX2_V01 Datasheet
550Kb / 64P
32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3.2-4 January 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com