công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MWPR1516CFM bảng dữ liệu(PDF) 23 Page - NXP Semiconductors

tên linh kiện MWPR1516CFM
Giải thích chi tiết về linh kiện  MWPR1516 16 KB Flash 24 MHz Cortex-M0 Based Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWPR1516CFM bảng dữ liệu(HTML) 23 Page - NXP Semiconductors

Back Button MWPR1516CFM Datasheet HTML 19Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 20Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 21Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 22Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 23Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 24Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 25Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 26Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
3.4.1 NVM specifications
This section provides details about program / erase times, program / erase endurance
for the flash memory.
Table 17. Flash characteristics
Characteristic
Symbol
Min.1
Typical2
Max.3
Unit4
NVM Bus frequency
fNVMBUS
1
—
25
MHz
NVM Operating frequency
fNVMOP
0.8
1
1.05
MHz
Erase Verify All Blocks
tVFYALL
—
—
4653
tCYC
Erase Verify Flash Block
tRD1BLK
—
—
4626
tCYC
Erase Verify Flash Section
tRD1SEC
—
—
482
tCYC
Read Once
tRDONCE
—
—
464
tCYC
Program Flash (2 words)
tPGM2
0.14
0.14
0.35
ms
Program Flash (4 words)
tPGM4
0.23
0.23
0.56
ms
Program Once
tPGMONCE
0.22
0.23
0.23
ms
Erase All Blocks
tERSALL
95.54
100.31
100.56
ms
Erase Flash Block
tERSBLK
95.54
100.31
100.56
ms
Erase Flash Sector
tERSPG
19.11
20.06
20.10
ms
Unsecure Flash
tUNSECU
95.55
100.31
100.57
ms
Configure NVM
tCONFNVM
—
—
381
tCYC
Verify Backdoor Access Key
tVFYKEY
—
—
482
tCYC
Set User Margin Level
tMLOADU
—
—
420
tCYC
FLASH Program/erase endurance TL to
TH = -40 °C to 105 °C
nFLPE
10 k
100 k
—
Cycles
Data retention at an average junction
temperature of TJAVG = 85 °C after up to
10,000 program / erase cycles
tD_RET
15
100
—
years
1. Minimum times are based on maximum fNVMOP and maximum fNVMBUS
2. Typical times are based on typical fNVMOP and maximum fNVMBUS
3. Maximum times are based on typical fNVMOP and typical fNVMBUS plus aging
4. tCYC = 1 / fNVMBUS
Program and erase operations do not require any special power sources other than the
normal VDD supply. For more detailed information about program and erase
operations, see the Memory section.
3.5 Analog
Peripheral operating requirements and behaviors
MWPR1516 16 KB Flash, Rev2, 1/2015.
23
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com