| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Z86D7308HSC bảng dữ liệu(PDF) 51 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z86D7308HSC bảng dữ liệu(HTML) 51 Page - Zilog, Inc. |
|
51 / 92 page ![]() Z86D73 40/44/48-Pin Low-Voltage IR OTP PS019402-1103 P R E L I M I N A R Y 45 The letter h is used for hexadecimal values. Transition from 0 to FFh is not a timeout condition. Using the same instructions for stopping the counter/timers and setting the status bits is not recommended. Two successive commands are necessary. First, the counter/timers must be stopped. Second, the status bits must be reset. These commands are required because it takes one counter/timer clock interval for the initiated event to actually occur. See Figure 22 and Figure 23. Figure 22. T8_OUT in Single-Pass Mode Figure 23. T8_OUT in Modulo-N Mode Note: Caution: TC8H Count Counter Enable Command; T8_OUT Switches to Its Initial Value (CTR1 D1) T8_OUT Toggles; Timeout Interrupt Counter Enable Command; T8_OUT Switches to Its Initial Value (CTR1 D1) Timeout Interrupt Timeout Interrupt T8_OUT T8_OUT Toggles TC8L TC8H TC8H TC8L TC8L . . . |