công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Z86D7308HSC bảng dữ liệu(PDF) 73 Page - Zilog, Inc.

tên linh kiện Z86D7308HSC
Giải thích chi tiết về linh kiện  40/44/48-Pin Low-Voltage IR OTP
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZILOG [Zilog, Inc.]
Trang chủ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86D7308HSC bảng dữ liệu(HTML) 73 Page - Zilog, Inc.

Back Button Z86D7308HSC Datasheet HTML 69Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 70Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 71Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 72Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 73Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 74Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 75Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 76Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 77Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
Z86D73
40/44/48-Pin Low-Voltage IR OTP
PS019402-1103
P
R
E
L
I
M
I
N
A
R
Y
67
Mask Selectable Options
There are seven Mask Selectable Options to choose from based on ROM code
requirements. These are listed in Table 19.
Brown-Out Voltage/Standby
An on-chip Voltage Comparator checks that the VCC is at the required level for
correct operation of the device. Reset is globally driven when VCC falls below VBO.
A small drop in VCC causes the XTAL1 and XTAL2 circuitry to stop the crystal or
resonator clock. Typical Low-Voltage power consumpion in this Low Voltage
Standby mode (ILV) is about 20 µA. If the VCC is allowed to stay above Vram, the
RAM content is preserved. When the power level is returned to above VBO, the
device performs a POR and functions normally.
Low-Voltage Detection and Flag
A Low-Voltage Detection circuit can be used optionally when the voltage
decreases to VLVD. Expanded Register Bank 0Dh register 0Ch bits 0 and 1 are
used for this option. Bit D0 is used to enable/disable this function; bit D1 is the sta-
tus flag bit of the LVD.
Table 19. Mask Selectable Options
RC/Other
RC/XTAL
32 kHz XTAL
On/Off
Port 00–03 Pull-Ups
On/Off
Port 04–07 Pull-Ups
On/Off
Port 10–13 Pull-Ups
On/Off
Port 14–17 Pull-Ups
On/Off
Port 20–27 Pull-Ups
On/Off
Port 3: Pull-Ups
On/Off
Port 0: 0–3 Normal Mode (0.5 VDD Input Threshold) versus Mouse Mode
(0.4 VDD Input Threshold)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com