| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Z86D7308HSC bảng dữ liệu(PDF) 65 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z86D7308HSC bảng dữ liệu(HTML) 65 Page - Zilog, Inc. |
|
65 / 92 page ![]() Z86D73 40/44/48-Pin Low-Voltage IR OTP PS019402-1103 P R E L I M I N A R Y 59 Stop-Mode Recovery Register (SMR) This register selects the clock divide value and determines the mode of Stop- Mode Recovery (Figure 34). All bits are write only except bit 7, which is read only. Bit 7 is a flag bit that is hardware set on the condition of STOP recovery and reset by a power-on cycle. Bit 6 controls whether a low level or a high level at the XOR- gate input is required from the recovery source. Bit 5 controls the reset delay after recovery. Bits D2, D3, and D4 or the SMR register specify the source of the Stop-Mode Recovery signal. Bits D0 determines if SCLK/TCLK are divided by 16 or not. The SMR is located in Bank F of the Expanded Register Group at address 0Bh . SMR (0F) 0B Figure 34. Stop-Mode Recovery Register D7 D6 D5 D4 D3 D2 D1 D0 SCLK/TCLK Divide-by-16 0 OFF * * 1 ON Reserved (Must be 0) Stop-Mode Recovery Source 000 POR Only * 001 Reserved 010 P31 011 P32 100 P33 101 P27 110 P2 NOR 0-3 111 P2 NOR 0-7 Stop Delay 0 OFF 1 ON * Stop Recovery Level * * * 0 Low * 1 High Stop Flag 0 POR * 1 Stop Recovery * * * Default setting after reset * * Default setting after reset and stop-mode recovery * * * At the XOR gate input |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |