| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STE2007DIE2 bảng dữ liệu(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2007DIE2 bảng dữ liệu(HTML) 54 Page - STMicroelectronics |
|
54 / 62 page ![]() 8 Commands STE2007 54/62 Table 51. N-Line The XOR function defines the polarity as the result of the logical XOR between the N-Line and the frame polarity. 8.23 Number of Lines Multiplexing Rate setting command. Table 52. Number of Lines Table 53. Multiplexing Rate F1 NL4 NL3 NL2 NL1 NL0 Function N row * 0 0 0 0 0 N-line inversion disabled (default) 0 * * * * * XOR function disabled 1 * * * * * XOR function enabled * 0 0 0 0 1 N-line inversion enabled 2 * 0 0 0 1 0 N-line inversion enabled 3 :: :: : : : : * 1 1 1 1 1 N-line inversion enabled 32 (D/C) D7 D6 D5 D4 D3 D2 D1 D0 Function 0 1 1 0 1 0 M2 M1 M0 Command Identifier + Data Field M2 M1 M0 Function 0 0 0 68 Lines (Default) 0 0 1 65 Lines 0 1 0 49 Lines 0 1 1 33 Lines 1 0 0 33 Lines Partial Display 1 0 1 25 Lines Partial Display 1 1 0 17 Lines Partial Display 1 1 1 9 Lines Partial Display |