| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STE2007 bảng dữ liệu(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2007 bảng dữ liệu(HTML) 43 Page - STMicroelectronics |
|
43 / 62 page ![]() STE2007 8 Commands 43/62 8 Commands 8.1 Display ON/OFF This command turns the display ON and OFF Table 19. Display ON/OFF When the Display OFF command is executed in the Display all points ON mode, Power saver mode is entered. See the section on the Power saver for details. 8.2 Display normal/reverse This command can reverse the lit and unlit without overwriting the contents of the DDRAM. Table 20. Display normal/reverse 8.3 Display all points ON/OFF This command makes it possible to force all display points ON regardless of the content of the DDRAM. Even when this is done, the DDRAM contents are maintained. This command takes priority over the Display normal/reverse command. Table 21. Display all points ON/OFF When the Display all points ON command is executed when in the Display OFF mode, Power saver mode is entered. See the section on the Power Saver for details. (D/C) D7D6D5D4D3D2D1D0 HEX Setting 0 10101110 AE Display OFF 0 1 AF Display ON (D/C) D7D6 D5D4 D3D2 D1D0 HEX Setting 0 1 01 00 11 0 A6 Normal:DDRAM Data ”H”=LCD ON voltage 01 A7 Reverse:DDRAM Data ”L”=LCD ON voltage (D/C) D7D6 D5D4 D3D2 D1D0 HEX Setting 0 1 01 00 10 0 A4 Normal Display Mode 0 1 A5 Display All Points ON |