| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BUL3P5 bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BUL3P5 bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
|
1 / 10 page ![]() December 2005 1/10 10 BUL3P5 MEDIUM VOLTAGE FAST-SWITCHING PNP POWER TRANSISTOR Features ■ MEDIUM VOLTAGE CAPABILITY ■ LOW SPREAD OF DYNAMIC PARAMETERS ■ MINIMUM LOT-TO-LOT SPREAD FOR RELIABLE OPERATION ■ VERY HIGH SWITCHING SPEED Applications ■ ELECTRONIC BALLASTS FOR FLUORESCENT LIGHTING Description The BUL3P5 is manufactured using high voltage Multi-Epitaxial Planar technology for high switching speeds and medium voltage capability. It uses a Cellular Emitter structure with planar edge termination to enhance switching speeds while maintaining the wide RBSOA. The device is expressly designed for a new solution to be used in compact fluorescent lamps, H.F. ballast voltage FED where it is coupled with the BUL3N7, its complementary NPN transistor. Order Codes Internal Schematic Diagram 1 2 3 TO-220 Part Number Marking Package Packing BUL3P5 BUL3P5 TO-220 TUBE www.st.com rev.2 |
Số phần tương tự - BUL3P5 |
|
Mô tả tương tự - BUL3P5 |