công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BUL3P5 bảng dữ liệu(PDF) 7 Page - STMicroelectronics

tên linh kiện BUL3P5
Giải thích chi tiết về linh kiện  MEDIUM VOLTAGE FAST-SWITCHING PNP POWER TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUL3P5 bảng dữ liệu(HTML) 7 Page - STMicroelectronics

Back Button BUL3P5 Datasheet HTML 2Page - STMicroelectronics BUL3P5 Datasheet HTML 3Page - STMicroelectronics BUL3P5 Datasheet HTML 4Page - STMicroelectronics BUL3P5 Datasheet HTML 5Page - STMicroelectronics BUL3P5 Datasheet HTML 6Page - STMicroelectronics BUL3P5 Datasheet HTML 7Page - STMicroelectronics BUL3P5 Datasheet HTML 8Page - STMicroelectronics BUL3P5 Datasheet HTML 9Page - STMicroelectronics BUL3P5 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
BUL3P5
4 Package Mechanical Data
7/10
4
Package Mechanical Data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in compliance
with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are
available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10