| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TUSB6250 bảng dữ liệu(PDF) 30 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TUSB6250 bảng dữ liệu(HTML) 30 Page - Texas Instruments |
|
30 / 124 page ![]() Microcontroller Unit (MCU) 6−7 SLLS535A − January 2004 TUSB6250 Table 6−2. Memory Mapped Registers Summary (XDATA Range: F000 → F0F9) (Continued) ADDRESS REGISTER NAME DESCRIPTION F0D0 ATPIFCNFG0 ATA/ATAPI interface configuration register 0 F0D1 ATPIFCNFG1 ATA/ATAPI interface configuration register 1 F0D2 ATPACSREG0 ATA/ATAPI access register 0 F0D3 ATPACSREG1 ATA/ATAPI access register 1 F0D4 ATPACSREG2 ATA/ATAPI access register 2 F0D5 ATPACSREG3 ATA/ATAPI access register 3 F0D6 TRANSBCNT0 USB or ATA/ATAPI transfer byte count register 0 (7:0) F0D7 TRANSBCNT1 USB or ATA/ATAPI transfer byte count register 1 (15:8) F0D8 TRANSBCNT2 USB or ATA/ATAPI transfer byte count register 2 (23:16) F0D9 TRANSBCNT3 USB or ATA/ATAPI transfer byte count register 3 (31:24) F0DA CMNDLNGTH Command length register F0DB BLKSECCNT Block sector count register F0DC PIOSPAS PIO transfer speed (assertion timing) register F0DD PIOSPRC PIO transfer speed (recovery timing) register F0DE DMASPAS DMA transfer speed (assertion timing) register F0DF DMASPRC DMA transfer speed (recovery timing) register F0E0 MCUBYTE0 MCU data byte_0 register F0E1 MCUBYTE1 MCU data byte_1 register F0E2 MCUBYTE2 MCU data byte_2 register F0E3 MCUBYTE3 MCU data byte_3 register F0E4 MCUACSL MCU access address low-byte register F0E5 MCUACSH MCU access address high-byte register F0E6 ATPINTRPT0 ATA/ATAPI interrupt register 0 F0E7 ATPINTMSK0 ATA/ATAPI interrupt mask register 0 F0E8 ATPINTRPT1 ATA/ATAPI interrupt register 1 F0E9 ATPINTMSK1 ATA/ATAPI interrupt mask register 1 F0EA ATPSTATUS ATA/ATAPI interface status register F0EB SECWRPTL Sector FIFO write pointer low-byte register F0EC SECWRPTH Sector FIFO write pointer high-byte register F0ED WRPTBKUPL Sector FIFO write pointer backup low-byte register F0EE WRPTBKUPH Sector FIFO write pointer backup high-byte register F0EF SECRDPTL Sector FIFO read pointer low-byte register F0F0 SECRDPTH Sector FIFO read pointer high-byte register F0F1 RDPTBKUPL Sector FIFO read pointer backup low-byte register F0F2 RDPTBKUPH Sector FIFO read pointer backup high-byte register F0F3 Reserved F0F4 Reserved F0F5 Reserved F0F6 Reserved F0F7 Reserved F0F8 Reserved F0F9 ULRCVEXCNT Ultra receive extra word count register |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |