công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TUSB6250 bảng dữ liệu(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TUSB6250
Giải thích chi tiết về linh kiện  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 bảng dữ liệu(HTML) 70 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 66Page - Texas Instruments TUSB6250 Datasheet HTML 67Page - Texas Instruments TUSB6250 Datasheet HTML 68Page - Texas Instruments TUSB6250 Datasheet HTML 69Page - Texas Instruments TUSB6250 Datasheet HTML 70Page - Texas Instruments TUSB6250 Datasheet HTML 71Page - Texas Instruments TUSB6250 Datasheet HTML 72Page - Texas Instruments TUSB6250 Datasheet HTML 73Page - Texas Instruments TUSB6250 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 124 page
background image
Miscellaneous and GPIO Configuration Registers
9−5
SLLS535A − January 2004
TUSB6250
9.5
PUPDPWDN_P3: GPIO Pullup and Pulldown Resistor Power-Down Register for
Port 3 (XDATA at F08D)
The PUPDWDN_P3 register allows the MCU to enable/disable the internal pullup and pulldown resistors that
are connected to the port 3 GPIO pins. To choose the desired pullup or pulldown resistor for a particular pin,
the MCU has to ensure the correct setup is done in the PUPDSLCT_P3 register, before enabling the
corresponding bit in this register.
PUPDOFF [N] means the pullup/pulldown resistors disable or power down for the P3.N pin.
765
43210
PUPDOFF7
PUPDOFF6
PUPDOFF5
PUPDOFF4
PUPDOFF3
PUPDOFF2
PUOFF1
PUOFF0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
PUOFF0
0
Port 3 GPIO pin P3.0 pullup resistor configuration by the MCU.
S If the MCU sets this bit to 1, the pullup resistor is disconnected from the P3.0 pin.
S If the MCU clears this bit to 0, the pullup resistor is connected to the P3.0 pin.
The power-up default is to enable the pullup resistor on the P3.0 pin.
1
PUOFF1
0
Port 3 GPIO pin P3.1 pullup resistor configuration by the MCU.
S If the MCU sets this bit to 1, the pullup resistor is disconnected from the P3.1 pin.
S If the MCU clears this bit to 0, the pullup resistor is connected to the P3.1 pin.
The power-up default is to enable the pullup resistor on the P3.1 pin.
7−2
PUPDOFF [N]
(N = 2 to 7)
0
Port 3 GPIO pin P3.2 – P3.7 pullup and pulldown resistor power down configuration by the MCU.
S If the MCU sets this bit to 1, both the pullup and pulldown resistors are disabled on pins
P3.2–P3.7.
S If the MCU clears this bit to 0, either the pullup or the pulldown resistor is enabled for pins
P3.2–P3.7, with the selection controlled by the corresponding bit of the PUPDSLCT_P3
register.
The power-up default is to enable the pullup/pulldown resistors for pins P3.2–P3.7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com