công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADV7322 bảng dữ liệu(PDF) 49 Page - Analog Devices

tên linh kiện ADV7322
Giải thích chi tiết về linh kiện  Multiformat 11-Bit HDTV Video Encoder
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADV7322 bảng dữ liệu(HTML) 49 Page - Analog Devices

Back Button ADV7322 Datasheet HTML 45Page - Analog Devices ADV7322 Datasheet HTML 46Page - Analog Devices ADV7322 Datasheet HTML 47Page - Analog Devices ADV7322 Datasheet HTML 48Page - Analog Devices ADV7322 Datasheet HTML 49Page - Analog Devices ADV7322 Datasheet HTML 50Page - Analog Devices ADV7322 Datasheet HTML 51Page - Analog Devices ADV7322 Datasheet HTML 52Page - Analog Devices ADV7322 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
Preliminary Technical Data
ADV7322
Rev. PrA | Page 49 of 88
FILTERS
Table 27 shows an overview of the programmable filters
available on the ADV7322.
Table 27. Selectable Filters
Filter
Subaddress
SD Luma LPF NTSC
0x40
SD Luma LPF PAL
0x40
SD Luma Notch NTSC
0x40
SD Luma Notch PAL
0x40
SD Luma SSAF
0x40
SD Luma CIF
0x40
SD Luma QCIF
0x40
SD Chroma 0.65 MHz
0x40
SD Chroma 1.0 MHz
0x40
SD Chroma 1.3 MHz
0x40
SD Chroma 2.0 MHz
0x40
SD Chroma 3.0 MHz
0x40
SD Chroma CIF
0x40
SD Chroma QCIF
0x40
SD UV SSAF
0x42
HD Chroma Input
0x13
HD Sinc Filter
0x13
HD Chroma SSAF
0x13
SD Internal Filter Response
[Subaddress 0x40 [7:2]; Subaddress 0x42, Bit 0]
The Y filter supports several different frequency responses
including two low-pass responses, two notch responses, an
extended (SSAF) response with or without gain boost
attenuation, a CIF response, and a QCIF response. The UV filter
supports several different frequency responses including six
low-pass responses, a CIF response, and a QCIF response, as
shown in Figure 35 and Figure 36.
If SD SSAF gain is enabled, there is the option of 12 responses
in the range −4 dB to +4 dB [Subaddress 0x47, Bit 4]. The
desired response can be chosen by the user by programming the
correct value via the I2C [Subaddress 0x62]. The variation of
frequency responses are shown in Figure 32 and Figure 33.
In addition to the chroma filters listed in Table 27, the
ADV7322 contains an SSAF filter specifically designed for and
applicable to the color difference component outputs, U and V.
This filter has a cutoff frequency of about 2.7 MHz and –40 dB
at 3.8 MHz, as shown in Figure 65. This filter can be controlled
with Address 0x42, Bit 0.
FREQUENCY (MHz)
0
–10
–30
–50
–60
–20
–40
6
5
4
3
2
1
0
EXTENDED UV FILTER MODE
Figure 65. UV SSAF Filter
If this filter is disabled, the selectable chroma filters shown in
Table 28 can be used for the CVBS or luma/chroma signal.
Table 28. Internal Filter Specifications
Filter
Pass-Band
Ripple1 (dB)
3 dB Bandwidth2
(MHz)
Luma LPF NTSC
0.16
4.24
Luma LPF PAL
0.1
4.81
Luma Notch NTSC
0.09
2.3/4.9/6.6
Luma Notch PAL
0.1
3.1/5.6/6.4
Luma SSAF
0.04
6.45
Luma CIF
0.127
3.02
Luma QCIF
Monotonic
1.5
Chroma 0.65 MHz
Monotonic
0.65
Chroma 1.0 MHz
Monotonic
1
Chroma 1.3 MHz
0.09
1.395
Chroma 2.0 MHz
0.048
2.2
Chroma 3.0 MHz
Monotonic
3.2
Chroma CIF
Monotonic
0.65
Chroma QCIF
Monotonic
0.5
1 Pass-band ripple is the maximum fluctuation from the 0 dB response in the
pass band, measured in dB. The pass band is defined to have 0 Hz to fc (Hz)
frequency limits for a low-pass filter, and 0 Hz to f1 (Hz) and f2 (Hz) to infinity
for a notch filter, where fc, f1, and f2 are the −3 dB points.
2 3 dB bandwidth refers to the −3 dB cutoff frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com