công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADV7322 bảng dữ liệu(PDF) 39 Page - Analog Devices

tên linh kiện ADV7322
Giải thích chi tiết về linh kiện  Multiformat 11-Bit HDTV Video Encoder
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADV7322 bảng dữ liệu(HTML) 39 Page - Analog Devices

Back Button ADV7322 Datasheet HTML 35Page - Analog Devices ADV7322 Datasheet HTML 36Page - Analog Devices ADV7322 Datasheet HTML 37Page - Analog Devices ADV7322 Datasheet HTML 38Page - Analog Devices ADV7322 Datasheet HTML 39Page - Analog Devices ADV7322 Datasheet HTML 40Page - Analog Devices ADV7322 Datasheet HTML 41Page - Analog Devices ADV7322 Datasheet HTML 42Page - Analog Devices ADV7322 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
Preliminary Technical Data
ADV7322
Rev. PrA | Page 39 of 88
INPUT CONFIGURATION
Note that the ADV7322 defaults to simultaneous standard
definition and progressive scan upon power-up (Address[0x01]:
Input Mode = 011).
STANDARD DEFINITION ONLY
Address[0x01]: Input Mode = 000
The 8-bit multiplexed input data is input on Pins S7 to S0 (or
Pins Y7 to Y0, depending on Register Address 0x01, Bit 7), with
S0 being the LSB in 8-bit input mode (see Table 21). Input
standards supported are ITU-R BT.601/656. In 16-bit input
mode, the Y pixel data is input on Pins S7 to S0 and CrCb data
is input on Pins Y7 to Y0 (see Table 21).
16-Bit Mode Operation
When Register 0x01 Bit 7 = 0, CrCb data is input on the Y bus
and Y data is input on the S bus. When Register 0x01 Bit 7 = 1,
CrCb data is input on the C bus and Y data is input on Y bus.
The 27 MHz clock input must be input on Pin CLKIN_A. Input
sync signals are input on the S_VSYNC, S_HSYNC, and
S_BLANK pins.
Table 21. SD 8-Bit and 16-Bit Configuration
Configuration
Parameter
8-Bit Mode
16-Bit Mode
Register 0x01, Bit 7 = 0
Y Bus
CrCb
S Bus
656/601, YCrCb
Y
C Bus
Register 0x01, Bit 7 = 1
Y Bus
656/601, YCrCb
Y
S Bus
C Bus
CrCb
MPEG2
DECODER
CLKIN_A
S[7:0] OR Y[7:0]*
27MHz
3
8
YCrCb
ADV7322
*SELECTED BY ADDRESS 0x01 BIT 7
S_VSYNC,
S_HSYNC,
S_BLANK
Figure 48. SD Only Input Mode
PROGRESSIVE SCAN ONLY OR HDTV ONLY
Address[0x01]: Input Mode = 001 or 010, Respectively
YCrCb progressive scan, HDTV, or any other HD YCrCb data
can be input in 4:2:2 or 4:4:4. In 4:2:2 input mode, the Y data is
input on Pins Y7 to Y0 and the CrCb data is input on Pins C7 to
C0. In 4:4:4 input mode, Y data is input on Pins Y7 to Y0,
Cb data is input on Pins C7 to C0, and Cr data is input on Pins
S7 to S0. If the YCrCb data does not conform to SMPTE 293M
(525p), ITU-R BT.1358M (625p), SMPTE 274M[1080i], SMPTE
296M[720p], SMPTE 240M(1035i) or BTA-T1004/1362, the
async timing mode must be used. RGB data can only be input in
4:4:4 format in PS input mode or in HDTV input mode when
HD RGB input is enabled. G data is input on Pins Y7 to Y0, R
data is input on Pins S7 to S0, and B data is input on Pins C7 to
C0. The clock signal must be input on Pin CLKIN_A.
MPEG2
DECODER
CLKIN_A
C[7:0]
8
Cb
S[7:0]
Y[7:0]
INTERLACED TO
PROGRESSIVE
YCrCb
8
Cr
8
Y
3
27MHz
ADV7322
P_VSYNC,
P_HSYNC,
P_BLANK
Figure 49. Progressive Scan Input Mode
SIMULTANEOUS STANDARD DEFINITION AND
PROGRESSIVE SCAN OR HDTV
Address[0x01]: Input Mode 011 (SD 8-Bit, PS 16-Bit) or 101
(SD and HD, SD Oversampled), 110 (SD and HD, HD
Oversampled), Respectively
YCrCb, PS, HDTV, or any other HD data must be input in 4:2:2
format. In 4:2:2 input mode, the HD Y data is input on Pins Y7
to Y0 and the HD CrCb data is input on Pins C7 to C0. If PS
4:2:2 data is interleaved onto a single 10-bit bus, Pins Y7 to Y0
are used for the input port. The input data is to be input at 27
MHz, with the data being clocked on the rising and falling edge
of the input clock. The input mode register at Address 0x01 is
set accordingly. If the YCrCb data does not conform to SMPTE
293M (525p), ITU-R BT.1358M (625p), SMPTE 274M[1080i],
SMPTE 296M[720p], SMPTE 240M(1035i) or BTA-T1004, the
async timing mode must be used.
The 8- bit standard definition data must be compliant with
ITU-R BT.601/656 in 4:2:2 format. Standard definition data is
input on Pins S7 to S0, with S0 being the LSB. The clock input
for SD must be input on CLKIN_A and the clock input for
HD/PS must be input on CLKIN_B. Synchronization signals
are optional. SD syncs are input on Pins S_VSYNC, S_HSYNC,
and S_BLANK. HD syncs on Pins P_VSYNC, P_HSYNC, and
P_BLANK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com