| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM79C978AVCW bảng dữ liệu(PDF) 10 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C978AVCW bảng dữ liệu(HTML) 10 Page - Advanced Micro Devices |
|
10 / 256 page ![]() 10 Am79C978A RELATED AMD PRODUCTS Part No. Description Controllers Am79C90 CMOS Local Area Network Controller for Ethernet (C-LANCE) Integrated Controllers Am79C930 PCnet™-Mobile Single Chip Wireless LAN Media Access Controller Am79C940B Media Access Controller for Ethernet (MACE™) Am79C961A PCnet-ISA II Full Duplex Single-Chip Ethernet Controller for ISA Bus Am79C965A PCnet-32 Single-Chip 32-Bit Ethernet Controller for 486 and VL Buses Am79C970A PCnet-PCI II Full Duplex Single-Chip Ethernet Controller for PCI Local Bus Am79C971 PCnet-FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus Am79C972 PCnet-FAST+ Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support Manchester Encoder/Decoder Am7992B Serial Interface Adapter (SIA) Physical Layer Devices (Single-Port) Am7996 IEEE 802.3/Ethernet/Cheapernet Transceiver (TAP) Am79761 Physical Layer 10-Bit Transceiver for Gigabit Ethernet (GigaPHY™-SD) Am79C98 Twisted Pair Ethernet Transceiver (TPEX) Am79C100 Twisted Pair Ethernet Transceiver Plus (TPEX+) Am79C873 10/100 Mbps Ethernet Physical Layer Transceiver (NetPHY™-1) Am79C901A Single-chip 1/10 Mbps Home Networking PHY (HomePHY™) Physical Layer Devices (Multi-Port) Am79C871 Quad Fast Ethernet Transceiver for 100BASE-X Repeaters (QFEXr™) Am79C988B Quad Integrated Ethernet Transceiver (QuIET™) Am79C989 Quad Ethernet Switching Transceiver (QuEST™) Integrated Repeater/Hub Devices Am79C981 Integrated Multiport Repeater Plus (IMR+) Am79C982 Basic Integrated Multiport Repeater (bIMR) Am79C983A Integrated Multiport Repeater 2 (IMR2™) Am79C984A Enhanced Integrated Multiport Repeater (eIMR™) Am79C985 Enhanced Integrated Multiport Repeater Plus (eIMR+™) Am79C987 Hardware Implemented Management Information Base (HIMIB™) |