| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IMX6SDLCEC bảng dữ liệu(PDF) 152 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX6SDLCEC bảng dữ liệu(HTML) 152 Page - NXP Semiconductors |
|
152 / 169 page ![]() i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018 152 NXP Semiconductors Package Information and Contact Assignments RGMII_RD1 B23 NVCC_RGMII DDR ALT5 GPIO6_IO27 Input 100 k Ω pull-up RGMII_RD2 B24 NVCC_RGMII DDR ALT5 GPIO6_IO28 Input 100 k Ω pull-up RGMII_RD3 D23 NVCC_RGMII DDR ALT5 GPIO6_IO29 Input 100 k Ω pull-up RGMII_RX_CTL D22 NVCC_RGMII DDR ALT5 GPIO6_IO24 Input 100 k Ω pull-down RGMII_RXC B25 NVCC_RGMII DDR ALT5 GPIO6_IO30 Input 100 k Ω pull-down RGMII_TD0 C22 NVCC_RGMII DDR ALT5 GPIO6_IO20 Input 100 k Ω pull-up RGMII_TD1 F20 NVCC_RGMII DDR ALT5 GPIO6_IO21 Input 100 k Ω pull-up RGMII_TD2 E21 NVCC_RGMII DDR ALT5 GPIO6_IO22 Input 100 k Ω pull-up RGMII_TD3 A24 NVCC_RGMII DDR ALT5 GPIO6_IO23 Input 100 k Ω pull-up RGMII_TX_CTL C23 NVCC_RGMII DDR ALT5 GPIO6_IO26 Input 100 k Ω pull-down RGMII_TXC D21 NVCC_RGMII DDR ALT5 GPIO6_IO19 Input 100 k Ω pull-down RTC_XTALI D9 VDD_SNVS_CAP — — RTC_XTALI — — RTC_XTALO C9 VDD_SNVS_CAP — — RTC_XTALO — — SD1_CLK D20 NVCC_SD1 GPIO ALT5 GPIO1_IO20 Input 100 k Ω pull-up SD1_CMD B21 NVCC_SD1 GPIO ALT5 GPIO1_IO18 Input 100 k Ω pull-up SD1_DAT0 A21 NVCC_SD1 GPIO ALT5 GPIO1_IO16 Input 100 k Ω pull-up SD1_DAT1 C20 NVCC_SD1 GPIO ALT5 GPIO1_IO17 Input 100 k Ω pull-up SD1_DAT2 E19 NVCC_SD1 GPIO ALT5 GPIO1_IO19 Input 100 k Ω pull-up SD1_DAT3 F18 NVCC_SD1 GPIO ALT5 GPIO1_IO21 Input 100 k Ω pull-up SD2_CLK C21 NVCC_SD2 GPIO ALT5 GPIO1_IO10 Input 100 k Ω pull-up SD2_CMD F19 NVCC_SD2 GPIO ALT5 GPIO1_IO11 Input 100 k Ω pull-up SD2_DAT0 A22 NVCC_SD2 GPIO ALT5 GPIO1_IO15 Input 100 k Ω pull-up SD2_DAT1 E20 NVCC_SD2 GPIO ALT5 GPIO1_IO14 Input 100 k Ω pull-up SD2_DAT2 A23 NVCC_SD2 GPIO ALT5 GPIO1_IO13 Input 100 k Ω pull-up SD2_DAT3 B22 NVCC_SD2 GPIO ALT5 GPIO1_IO12 Input 100 k Ω pull-up SD3_CLK D14 NVCC_SD3 GPIO ALT5 GPIO7_IO03 Input 100 k Ω pull-up SD3_CMD B13 NVCC_SD3 GPIO ALT5 GPIO7_IO02 Input 100 k Ω pull-up SD3_DAT0 E14 NVCC_SD3 GPIO ALT5 GPIO7_IO04 Input 100 k Ω pull-up SD3_DAT1 F14 NVCC_SD3 GPIO ALT5 GPIO7_IO05 Input 100 k Ω pull-up SD3_DAT2 A15 NVCC_SD3 GPIO ALT5 GPIO7_IO06 Input 100 k Ω pull-up SD3_DAT3 B15 NVCC_SD3 GPIO ALT5 GPIO7_IO07 Input 100 k Ω pull-up SD3_DAT4 D13 NVCC_SD3 GPIO ALT5 GPIO7_IO01 Input 100 k Ω pull-up SD3_DAT5 C13 NVCC_SD3 GPIO ALT5 GPIO7_IO00 Input 100 k Ω pull-up SD3_DAT6 E13 NVCC_SD3 GPIO ALT5 GPIO6_IO18 Input 100 k Ω pull-up SD3_DAT7 F13 NVCC_SD3 GPIO ALT5 GPIO6_IO17 Input 100 k Ω pull-up SD3_RST D15 NVCC_SD3 GPIO ALT5 GPIO7_IO08 Input 100 k Ω pull-up Table 97. 21 x 21 mm Functional Contact Assignments (continued) Ball Name Ball Power Group Ball Type Out of Reset Condition1 Default Mode (Reset Mode) Default Function Input/ Output Value2 |